データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB02KW01-05-FJ データシート(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 LB02KW01-05-FJ
部品情報  Complement to LB Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB02KW01-05-FJ データシート(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB02KW01-05-FJ Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-FJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-FJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-FJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-FJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB Indicators
M15
M
Complement to LB Pushbuttons
www.nkkswitches.com
Housing Colors Available:
SHAPES & PANEL CUTOUTS
TERMINALS
01 .622” (15.8mm)
Square
Silver Solder Lug/.110” (2.8mm) Quick Connect
W01
03
02 .854” (21.7mm)
Round
.622” x .866” (15.8mm x 22.0mm)
Rectangular
HOUSING
K
(16.2) Sq
.638
(22.0) Dia
.866
(11.5)
.453
(1.5) R
.059
(22.4)
.882
(16.2)
.638
Panel Thickness: .039” ~ .157” (1.0 ~ 4.0mm)
Black
Gray
G
Epoxy
Seal
(2.0)
.079
(2.8)
.110
(1.2)
.047
Thk = (0.5)
.020
(7.5)
.295
Voltage
V
5V AC
12V AC
Current
I
115mA
60mA
Endurance
Hours
10,000 average
Ambient Temp. Range
–25°C ~ +50°C
05
12
T-1 Bi-pin
AT607
LAMP CODES & SPECIFICATIONS
Voltage
V
110V AC
Current
I
1.5mA
Endurance
Hours
10,000 average
Ambient Temp. Range
–25°C ~ +50°C
Recommended Resistors: 33K ohms for 110V AC; 100K ohms for 220V AC
T-1 Bi-pin
AT607N
01
Incandescent Lamp for Solid Colored and Colored Insert Caps
Neon Lamp for Colored Insert Cap
The electrical specifications shown are determined at a basic temperature of 25°C.


同様の部品番号 - LB02KW01-05-FJ

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
LB02KW01 NKK-LB02KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
More results

同様の説明 - LB02KW01-05-FJ

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com