データシートサーチシステム |
|
ESZ336M400AH4AA データシート(PDF) 2 Page - Kemet Corporation |
|
ESZ336M400AH4AA データシート(HTML) 2 Page - Kemet Corporation |
2 / 19 page 2 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com A4062_ESZ • 1/27/2017 Single-Ended Aluminum Electrolytic Capacitors – ESZ Series, +105°C Ordering Options Table Diameter Packaging Type Lead Type Lead Length (mm) Lead and Packaging Code Standard Bulk Packaging Options 4 – 22 Bulk (bag) Straight 20/15 Minimum AA Standard Auto-Insertion Packaging Options 4 – 5 Tape & Reel Formed to 2.5 mm H 0 = 16±0.75 LA 6.3 Tape & Reel 2.5 mm Lead Spacing H 0 = 18.5±0.75 KA 8 Tape & Reel Formed to 5 mm H 0 = 16±0.75 JA 10 – 13 Ammo 5 mm Lead Spacing H 0 = 18.5±0.75 EA 16 – 18 Ammo 7.5 mm Lead Spacing H 0 = 18.5±0.75 EA Other Packaging Options 4 – 8 Ammo Formed to 5 mm H 0 = 16±0.75 DA 4 – 8 Ammo Straight H 0 = 18.5±0.75 EA 4 – 5 Ammo Formed to 2.5 mm H 0 = 16±0.75 FA 4 – 6.3 Tape & Reel Formed to 5 mm H 0 = 16±0.75 JA 4 – 5, 8 – 18 Tape & Reel Straight H 0 = 18.5±0.75 KA Contact KEMET for other Lead and Packaging options Environmental Compliance As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this catalog are produced to help our customers’ obligations to guarantee their products and fulfill these legislative requirements. The only material of concern in our products has been lead (Pb), which has been removed from all designs to fulfill the requirement of containing less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed. Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible capacitors. Because of customer requirements, there may appear additional markings such as LF = Lead Free or LFW = Lead Free Wires on the label. |
同様の説明 - ESZ336M400AH4AA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |