データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CM9V-T1A データシート(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

部品番号 CM9V-T1A
部品情報  Tuning Fork Crystal 32.768 kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
ホームページ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CM9V-T1A データシート(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  CM9V-T1A_16 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CM9V-T1A_16 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
CM9V-T1A
Tuning Fork Crystal 32.768 kHz
All dimensions in mm typical
DESCRIPTION
The CM9V-T1A is a low frequency SMT Quartz Crystal Unit that
incorporates a tuning fork Quartz Crystal Resonator. It operates under
vacuum in a hermetically sealed ceramic package with metal lid.
APPLICATIONS
IoT
Metering
Industrial
Health Care
Ultra Small Devices
Wearables, Portables
ELECTRICAL CHARACTERISTICS
AT 25oC
Standard Frequency
1)
FL
32.768
kHz
Load capacitance
2)
CL
4.0 / 6.0 / 7.0 / 9.0 / 12.5
pF
Frequency tolerance
3)
Δ
F/F
±20
ppm
Δ
F/F
±100
ppm
Series resistance typ./max.
RS
70 / 90
Motional capacitance typ.
C1
6.3
fF
Static capacitance typ.
C0
1.4
pF
Drive level max.
P
0.5
μ
W
Insulation resistance min.
Ri
500
Aging first year max.
Δ
F/F
±3
ppm
Turnover temperature
T0
25 ±5
°C
Frequency vs. temperature
Δ
F/F0 –0.035 ppm/°C² (T - T0)2 ±10%
ppm
Package:
Recommended Solder Pad:
1,6
0,6
0,6
0,6
0,47
0,47
FEATURES
Ultra small size (1.6 × 1.0 × 0.5 mm).
Outstanding hermetic sealing with gold-tin preform.
High stability and low aging guaranteed by hermetic sealing.
Available for extended operating temperature range.
Lightweight (2.4 mg).
High shock and vibration resistant.
100% Pb-free, RoHS-compliant.
1) Other frequencies on request.
2) Other load capacitances on request.
3) Tighter frequency tolerances on request.


同様の部品番号 - CM9V-T1A_16

メーカー部品番号データシート部品情報
logo
MICORO CRYSTAL SWITZERL...
CM9V-T1A0.3 MICROCRYSTAL-CM9V-T1A0.3 Datasheet
809Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results

同様の説明 - CM9V-T1A_16

メーカー部品番号データシート部品情報
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A MICROCRYSTAL-CM7V-T1A_16 Datasheet
255Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A Datasheet
97Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A0.4 MICROCRYSTAL-CM7V-T1A0.4 Datasheet
191Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM9V-T1A0.3 MICROCRYSTAL-CM9V-T1A0.3 Datasheet
809Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com