データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9P031 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MT9P031
部品情報  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P031 データシート(HTML) 1 Page - ON Semiconductor

  MT9P031_17 Datasheet HTML 1Page - ON Semiconductor MT9P031_17 Datasheet HTML 2Page - ON Semiconductor MT9P031_17 Datasheet HTML 3Page - ON Semiconductor MT9P031_17 Datasheet HTML 4Page - ON Semiconductor MT9P031_17 Datasheet HTML 5Page - ON Semiconductor MT9P031_17 Datasheet HTML 6Page - ON Semiconductor MT9P031_17 Datasheet HTML 7Page - ON Semiconductor MT9P031_17 Datasheet HTML 8Page - ON Semiconductor MT9P031_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2017 − Rev. 10
1
Publication Order Number:
MT9P031/D
MT9P031
1/2.5-Inch 5 Mp CMOS
Digital Image Sensor
General Description
The ON Semiconductor MT9P031 is a 1/2.5−inch CMOS
active−pixel digital image sensor with an active imaging pixel array of
2592 H x 1944 V. It incorporates sophisticated camera functions
on−chip such as windowing, column and row skip mode, and snapshot
mode. It is programmable through a simple two−wire serial interface.
The 5 Mp CMOS image sensor features ON Semiconductor’s
breakthrough low−noise CMOS imaging technology that achieves
CCD image quality (based on signal−to−noise ratio and low−light
sensitivity) while maintaining the inherent size, cost, and integration
advantages of CMOS.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Value
Optical Format
1/2.5-inch (4:3)
Active Imager Size
5.70 mm (H) x 4.28 mm (V)
7.13 mm Diagonal
Active Pixels
2592 H x 1944 V
Pixel Size
2.2 x 2.2 μm
Color Filter Array
RGB Bayer Pattern
Shutter Type
Global Reset Release (GRR),
Snapshot Only
Electronic Rolling Shutter (ERS)
Maximum Data Rate / Pixel Clock
96 Mp/s at 96 MHz (2.8 V I/O)
48 Mp/s at 48 MHz (1.8 V I/O)
Frame Rate
Full Resolution
Programmable up to 14 fps
HDTV (640 x 480,
with binning)
Programmable up to 53 fps
ADC Resolution
12-bit, On-chip
Responsivity
1.4 V/lux-sec (550 nm)
Pixel Dynamic Range
70.1 dB
SNRMAX
38.1 dB
Supply Voltage
I/O
1.7−3.1 V
Digital
1.7−1.9 V (1.8 V Nominal)
Analog
2.6−3.1 V (2.8 V Nominal)
Power Consumption
381 mW at 14 fps Full Resolution
Operating Temperature
–30°C to +70°C
Packaging
48-pin iLCC, Die
www.onsemi.com
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
ILCC48 10x10
CASE 847AA
Applications
High Resolution Network Cameras
Wide FOV Cameras
720 P–60 fps Cameras
Dome Cameras with Electronic Pan, Tile,
and Zoom
Hybrid Video Cameras with High
Resolution Stills
Detailed Feature Extraction for Smart
Cameras
Features
High Frame Rate
Superior Low-light Performance
Low Dark Current
Global Reset Release, which Starts the
Exposure of All Rows Simultaneously
Bulb Exposure Mode, for Arbitrary
Exposure Times
Snapshot Mode to Take Frames on Demand
Horizontal and Vertical Mirror Image
Column and row skip modes to reduce
image size without reducing field−of−view
(FOV)
Column and Row Binning Modes to
Improve Image Quality when Resizing
Simple Two-wire Serial Interface
Programmable Controls: Gain, Frame Rate,
Frame Size, Exposure
Automatic Black Level Calibration
On-chip Phase-Locked Loop (PLL)


同様の部品番号 - MT9P031_17

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MT9P031I12STC ETC1-MT9P031I12STC Datasheet
2Mb / 46P
   1/2.5-Inch 5Mp CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results

同様の説明 - MT9P031_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com