データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9P031 データシート(PDF) 12 Page - ON Semiconductor

部品番号 MT9P031
部品情報  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P031 データシート(HTML) 12 Page - ON Semiconductor

Back Button MT9P031_17 Datasheet HTML 8Page - ON Semiconductor MT9P031_17 Datasheet HTML 9Page - ON Semiconductor MT9P031_17 Datasheet HTML 10Page - ON Semiconductor MT9P031_17 Datasheet HTML 11Page - ON Semiconductor MT9P031_17 Datasheet HTML 12Page - ON Semiconductor MT9P031_17 Datasheet HTML 13Page - ON Semiconductor MT9P031_17 Datasheet HTML 14Page - ON Semiconductor MT9P031_17 Datasheet HTML 15Page - ON Semiconductor MT9P031_17 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MT9P031
www.onsemi.com
12
TWO-WIRE SERIAL INTERFACE SAMPLE WRITE AND READ SEQUENCES
16-Bit WRITE Sequence
A typical WRITE sequence for writing 16 bits to a register
is shown in Figure 11. A start bit given by the master,
followed by the write address, starts the sequence. The
image sensor then gives an acknowledge bit and expects the
register address to come first, followed by the 16−bit data.
After each 8−bit transfer, the image sensor gives an
acknowledge bit. All 16 bits must be written before the
register is updated. After 16 bits are transferred, the register
address is automatically incremented so that the next 16 bits
are written to the next register. The master stops writing by
sending a start or stop bit.
Figure 11. Timing Diagram Showing a WRITE to Reg0x09 with the Value 0x0284
SCLK
SDATA
START
ACK
0xBA ADDR
ACK
ACK
ACK
STOP
Reg0x09
1000 0100
0000 0010
16-Bit READ Sequence
A typical READ sequence is shown in Figure 12. First the
master has to write the register address, as in a WRITE
sequence. Then a start bit and the read address specify that
a READ is about to happen from the register. The master
then clocks out the register data 8 bits at a time. The master
sends an acknowledge bit after each 8-bit transfer. The
register address should be incremented after every 16 bits is
transferred. The data transfer is stopped when the master
sends a no-acknowledge bit.
Figure 12. Timing Diagram Showing a READ to Reg0x09 with the Value 0x0284
SCLK
SDATA
START
ACK
0xBA ADDR
0xBB ADDR
0000 0010
Reg0x09
ACK
ACK
ACK
1000 0100
NACK
START
STOP


同様の部品番号 - MT9P031_17

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MT9P031I12STC ETC1-MT9P031I12STC Datasheet
2Mb / 46P
   1/2.5-Inch 5Mp CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results

同様の説明 - MT9P031_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com