データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9P031 データシート(PDF) 21 Page - ON Semiconductor

部品番号 MT9P031
部品情報  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P031 データシート(HTML) 21 Page - ON Semiconductor

Back Button MT9P031_17 Datasheet HTML 17Page - ON Semiconductor MT9P031_17 Datasheet HTML 18Page - ON Semiconductor MT9P031_17 Datasheet HTML 19Page - ON Semiconductor MT9P031_17 Datasheet HTML 20Page - ON Semiconductor MT9P031_17 Datasheet HTML 21Page - ON Semiconductor MT9P031_17 Datasheet HTML 22Page - ON Semiconductor MT9P031_17 Datasheet HTML 23Page - ON Semiconductor MT9P031_17 Datasheet HTML 24Page - ON Semiconductor MT9P031_17 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MT9P031
www.onsemi.com
21
Figure 24. GRR Snapshot Timing
TRIGGER
STROBE
FV
LV
DOUT
TRIGGER
STROBE
FV
LV
DOUT
(a) GRR Snapshot
(b) GRR Bulb
TSE
TSW TT2
TSW
TSE
TT2
VB x tROW + 2000 xtACLK
tROW
8 x t ROW
tROW
8 x tROW
First Row Exposure
First Row Exposure
VB xtROW + 2000 xtACLK
Second Row Exposure
Second Row Exposure
SW x tROW + 2000 x tACLK
SW x tROW + 2000 xtACLK
TT1
TT1
Strobe Control
To support synchronization of the exposure with external
events such as a flash or mechanical shutter, the MT9P031
produces a STROBE output. By default, this signal is
asserted for approximately the time that all rows are
simultaneously exposing, minus the vertical blanking time,
as shown in Figure 23 and Figure 24. Also indicated in these
figures are the leading and trailing edges of STROBE, which
an be configured to occur at one of several timepoints. The
leading edge of STROBE occurs at STROBE_Start, and the
trailing edge at STROBE_End, which are set to codes
described in Table 14.
Table 14. STROBE TIMEPOINTS
Symbol
Timepoint
Code
TT1
Trigger 1 (start of shutter scan)
TSE
Start of exposure (all rows simultaneously exposing) offset by VB
1
TSW
End of shutter width (expiration of the internal shutter width counter)
2
TT2
Trigger 2 (start of readout scan)
3
If STROBE_Start and STROBE_End are set to the same
timepoint, the strobe is a tROW wide pulse starting at the
STROBE_Start timepoint. If the settings are such that the
strobe would occur after the trailing edge of FV, the strobe
may be only tACLK wide; however, because there is no
concept of a row at that time. The sense of the STROBE
signal can be inverted by setting Invert_Strobe (R0x1E[5] =
1. To use strobe as a flash in snapshot modes or with
mechanical shutter, set the Strobe_Enable register bit field
R0x1E[4] = 1.
Signal Chain and Datapath
The signal chain and datapath are shown in Figure 25.
Each color is processed independently, including separate
gain and offset settings. Voltages sampled from the pixel
array are first passed through an analog gain stage, which
can produce gain factors between 1 and 8. An analog offset
is then applied, and the signal is sent through a 12-bit
analog-to-digital converter. In the digital space, a digital
gain factor of between 1 and 16 is applied, and then a digital


同様の部品番号 - MT9P031_17

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MT9P031I12STC ETC1-MT9P031I12STC Datasheet
2Mb / 46P
   1/2.5-Inch 5Mp CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results

同様の説明 - MT9P031_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com