データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9V032 データシート(PDF) 56 Page - ON Semiconductor

部品番号 MT9V032
部品情報  1/3?륤nch Wide VGA CMOS Digital Image Sensor
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V032 データシート(HTML) 56 Page - ON Semiconductor

Back Button MT9V032_17 Datasheet HTML 52Page - ON Semiconductor MT9V032_17 Datasheet HTML 53Page - ON Semiconductor MT9V032_17 Datasheet HTML 54Page - ON Semiconductor MT9V032_17 Datasheet HTML 55Page - ON Semiconductor MT9V032_17 Datasheet HTML 56Page - ON Semiconductor MT9V032_17 Datasheet HTML 57Page - ON Semiconductor MT9V032_17 Datasheet HTML 58Page - ON Semiconductor MT9V032_17 Datasheet HTML 59Page - ON Semiconductor MT9V032_17 Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
MT9V032
www.onsemi.com
56
Figure 45. Package Mechanical Drawing (CASE 848AQ)
Seating
plane
4.4
11.43
5.215
5.715
Lid material: borosilicate glass 0.55 thickness
Wall material: alumina ceramic
Substrate material: alumina ceramic 0.7 thickness
8.8
4.4
5.715
4.84
5.215
0.8
TYP
1.75
0.8 TYP
8.8
48 1
10.9 ±0.1
CTR
47X
1.0 ±0.2
48X R 0.15
48X
0.40 ±0.05
11.43
10.9 ±0.1
CTR
Lead finish:
Au plating, 0.50 microns
minimum thickness
over Ni plating, 1.27 microns
minimum thickness
2.3 ±0.2
1.7
Note: 1. Optical center = package center
First
clear
pixel
Optical
center1
C
A
B
Optical
area
Optical area:
Maximum rotation of optical area relative to package edges: 1º
Maximum tilt of optical area relative to seating plane A:50 microns
Maximum tilt of optical area relative to top of cover glass D:100 microns
A
D
0.90
for reference only
1.400 ±0.125
0.35
for reference only
V CTR
∅0.20A B C
H CTR
∅0.20 A B C
Image
sensor die:
0.675 thickness
0.10 A
0.05
0.2
4X
NOTES: 1. All dimensions in millimeters.
2. Optical center = Package center


同様の部品番号 - MT9V032_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V032C12STC-DP ONSEMI-MT9V032C12STC-DP Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STC-DR ONSEMI-MT9V032C12STC-DR Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STC-TP ONSEMI-MT9V032C12STC-TP Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STCD-GEVK ONSEMI-MT9V032C12STCD-GEVK Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STCD3-GEVK ONSEMI-MT9V032C12STCD3-GEVK Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
More results

同様の説明 - MT9V032_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com