データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9V032 データシート(PDF) 57 Page - ON Semiconductor

部品番号 MT9V032
部品情報  1/3?륤nch Wide VGA CMOS Digital Image Sensor
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V032 データシート(HTML) 57 Page - ON Semiconductor

Back Button MT9V032_17 Datasheet HTML 53Page - ON Semiconductor MT9V032_17 Datasheet HTML 54Page - ON Semiconductor MT9V032_17 Datasheet HTML 55Page - ON Semiconductor MT9V032_17 Datasheet HTML 56Page - ON Semiconductor MT9V032_17 Datasheet HTML 57Page - ON Semiconductor MT9V032_17 Datasheet HTML 58Page - ON Semiconductor MT9V032_17 Datasheet HTML 59Page - ON Semiconductor MT9V032_17 Datasheet HTML 60Page - ON Semiconductor MT9V032_17 Datasheet HTML 61Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
MT9V032
www.onsemi.com
57
APPENDIX A − SERIAL CONFIGURATIONS
With the LVDS serial video output, the deserializer can be
up to 8 meters from the sensor. The serial link can save on
the cabling cost of 14 wires (DOUT[9:0], LINE_VALID,
FRAME_VALID, PIXCLK, GND). Instead, just three wires
(two serial LVDS, one GND) are sufficient to carry the video
signal.
Configuration of Sensor for Stand − Alone Serial
Output with Internal PLL
In this configuration, the internal PLL generates the
shift−clk (x12). The LVDS pins SER_DATAOUT_P and
SER_DATAOUT_N must be connected to a deserializer
(clocked at approximately the same system clock
frequency).
Figure 46 shows how a standard off−the−shelf deserializer
(National Semiconductor DS92LV1212A) can be used to
retrieve the standard parallel video signals of DOUT(9:0),
LINE_VALID and FRAME_VALID.
Sensor
CLK
26.6 Mhz
Osc.
26.6 Mhz
Osc.
DS92LV1212A
LVDS
SER_DATAOUT
LVDS
SER_DATAIN
LVDS
BYPASS_CLKIN
LVDS
SHIFT_CLKOUT
8 meters (maximum)
LINE_VALID
FRAME_VALID
PIXEL
8−bit configuration shown
82
Figure 46. Stand−Alone Topology
Typical configuration of the sensor:
1. Power up sensor.
2. Enable LVDS driver (set R0xB3[4]= 0).
3. De−assert LVDS power−down (set R0xB1[1] = 0.
4. Issue a soft reset (set R0x0C[0] = 1 followed by
R0x0C[0] = 0.
If necessary:
5. Force sync patterns for the deserializer to lock (set
R0xB5[0] = 1).
6. Stop applying sync patterns (set R0xB5[0] = 0).
Configuration of Sensor for
Stereoscopic Serial Output with Internal
PPL
In this configuration the internal PLL generates the
shift−clk (x18) in phase with the system−clock. The LVDS
pins SER_DATAOUT_P and SER_DATAOUT_N must be
connected to a deserializer (clocked at approximately the
same system clock frequency).
Figure 47 shows how a standard off−the−shelf deserializer
can be used to retrieve back DOUT(9:2) for both the master
and slave sensors. Additional logic is required to extract out
LINE_VALID and FRAME_VALID embedded within the
pixel data stream.


同様の部品番号 - MT9V032_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V032C12STC-DP ONSEMI-MT9V032C12STC-DP Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STC-DR ONSEMI-MT9V032C12STC-DR Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STC-TP ONSEMI-MT9V032C12STC-TP Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STCD-GEVK ONSEMI-MT9V032C12STCD-GEVK Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STCD3-GEVK ONSEMI-MT9V032C12STCD3-GEVK Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
More results

同様の説明 - MT9V032_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com