データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 5 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 5 Page - ON Semiconductor

  PYTHON480 Datasheet HTML 1Page - ON Semiconductor PYTHON480 Datasheet HTML 2Page - ON Semiconductor PYTHON480 Datasheet HTML 3Page - ON Semiconductor PYTHON480 Datasheet HTML 4Page - ON Semiconductor PYTHON480 Datasheet HTML 5Page - ON Semiconductor PYTHON480 Datasheet HTML 6Page - ON Semiconductor PYTHON480 Datasheet HTML 7Page - ON Semiconductor PYTHON480 Datasheet HTML 8Page - ON Semiconductor PYTHON480 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
PYTHON 480
www.onsemi.com
5
Table 5. ELECTRICAL SPECIFICATIONS (continued)
Boldface limits apply for TJ = TMIN to TMAX, all other limits TJ = +30°C. (Notes 5, 6, 7, 8)
Parameter
Unit
Max
Typ
Min
Description
Electrical Interface − LVDS
tidc
Input clock duty cycle when PLL used
45
50
55
%
ratspi
(= fin/fspi)
10−bit, PLL used (fin = 68 MHz)
6
10−bit, LVDS input used (fin = 340 MHz)
30
Electrical Interface − CMOS
Cout
Output load (only capacitive load)
10
pF
Tr
Output Rise Time
2.5
4.5
6.5
ns
Tf
Output Fall Time
2
3.5
5
ns
fin
Input clock rate
68
MHz
tidc
Input clock Duty Cycle
45
50
55
%
ratspi
(= fin/fspi)
10−bit (fin = 58 MHz)
6
todc
CLK_OUT duty cycle
40
50
60
%
tCD
CLK_OUT to DOUTx (Note 11)
4
ns
tCFH
CLK_OUT to FRAME_VALID HIGH
4
ns
tCFL
CLK_OUT to FRAME_VALID LOW
4
ns
tCLH
CLK_OUT to LINE_VALID HIGH
4
ns
tCLL
CLK_OUT to LINE_VALID LOW
4
ns
Frame Specifications − LVDS
T_int
Integration Time range
0.035
100
(Note 10)
ms
fps
Frame rate at full resolution (800 x 600 pixels)
120
fps
fps_roi
Frame rate at 640 x 480 pixels resolution
180
fps
fpix
Pixel rate
68
Mpix/s
Frame Specifications − CMOS
fps
Frame rate at full resolution (800 x 600 pixels)
120
fps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. All parameters are characterized for DC conditions after thermal equilibrium is established.
6. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is
recommended that normal precautions be taken to avoid application of any voltages higher than the maximum rated voltages to this high
impedance circuit.
7. Minimum and maximum limits are guaranteed through test and design.
8. Refer to ACSPYTHON480 available at the Image Sensor Portal for detailed acceptance criteria specifications.
9. CMOS inputs are compatible with 3.3 V signal levels.
10.Longer integration times are possible, but with possible image quality trade−offs.
11. Data is clocked on the rising edge of the output clock. This can be changed to the falling edge by register 130[8]


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com