データシートサーチシステム |
|
PYTHON480 データシート(PDF) 51 Page - ON Semiconductor |
|
PYTHON480 データシート(HTML) 51 Page - ON Semiconductor |
51 / 69 page PYTHON 480 www.onsemi.com 51 Table 33. REGISTER MAP (continued) Address Offset Type Description Default Default (Hex) Register Name Bit Field Address 13 125 sync_code8 0x0059 89 Data Formating - CRC Indication RW [9:0] crc 0x059 89 CRC Value Identification Sync Code 14 126 sync_code9 0x03A6 934 Data Formating - TR Indication RW [9:0] tr 0x3A6 934 Training Value Identification Sync Code 15 127 reserved 0x02AA 682 Reserved RW [9:0] reserved 0x2AA 682 Reserved Data Block [Block Offset: 128] 0 128 blackcal 0x4714 18196 Black Calibration Configuration RW [7:0] black_offset 0x014 20 Desired black level at output [10:8] black_samples 0x7 7 Black pixels taken into account for black calibration. Total samples = 2**black_samples [14:11] reserved 0x8 8 Reserved [15] crc_seed 0x0 0 CRC Seed ‘0’: All-0 ‘1’: All-1 1 129 general_configuration 0x0001 1 Black Calibration and Data Formating Configuration RW [0] auto_blackcal_enable 0x1 1 Automatic blackcalibration is enabled when 1, bypassed when 0 [9:1] blackcal_offset 0x00 0 Black Calibration offset used when au- to_black_cal_en = ‘0’. [10] blackcal_offset_dec 0x0 0 blackcal_offset is added when 0, subtracted when 1 [11] reserved 0x0 0 Reserved [12] reserved 0x0 0 Reserved [13] reserved 0x0 0 Reserved [14] ref_mode 0x0 0 Data contained on reference lines: ‘0’: reference pixels ‘1’: black average for the corresponding data channel [15] ref_bcal_enable 0x0 0 Enable black calibration on reference lines ‘0’: Disabled ‘1’: Enabled 2 130 general_configuration1 0x000F 15 Data Formating - Training Pattern RW [0] bl_frame_valid_en- able 0x1 1 Assert frame_valid for black lines when ‘1’, gate frame_valid for black lines when ‘0’. Parallel output mode only. [1] bl_line_valid_enable 0x1 1 Assert line_valid for black lines when ‘1’, gate line_valid for black lines when ‘0’. Parallel output mode only. [2] ref_frame_valid_en- able 0x1 1 Assert frame_valid for ref lines when ‘1’, gate frame_valid for black lines when ‘0’. Parallel output mode only. [3] ref_line_valid_enable 0x1 1 Assert line_valid for ref lines when ‘1’, gate line_valid for black lines when ‘0’. Parallel output mode only. [4] frame_valid_mode 0x0 0 Behaviour of frame_valid strobe between overhead lines when [0] and/or [1] is deasserted: ‘0’: retain frame_valid deasserted between lines ‘1’: assert frame_valid between lines [5] invert_bitstream 0x0 0 Negative Image ‘0’: Normal ‘1’: Negative |
同様の部品番号 - PYTHON480 |
|
同様の説明 - PYTHON480 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |