データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 52 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 52 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 48Page - ON Semiconductor PYTHON480 Datasheet HTML 49Page - ON Semiconductor PYTHON480 Datasheet HTML 50Page - ON Semiconductor PYTHON480 Datasheet HTML 51Page - ON Semiconductor PYTHON480 Datasheet HTML 52Page - ON Semiconductor PYTHON480 Datasheet HTML 53Page - ON Semiconductor PYTHON480 Datasheet HTML 54Page - ON Semiconductor PYTHON480 Datasheet HTML 55Page - ON Semiconductor PYTHON480 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
PYTHON 480
www.onsemi.com
52
Table 33. REGISTER MAP (continued)
Address
Offset
Type
Description
Default
Default
(Hex)
Register Name
Bit Field
Address
[8]
data_negedge
0x0
0
Clock−Data Relation
‘0’: data is clocked out on the rising edge of
the related clock
‘1’: data is clocked out on the falling edge of
the related clock
[9]
reserved
0x0
0
Reserved
8
136
blackcal_error0
0x0000
0
Black Calibration Status
Status
[1:0]
blackcal_error[1:0]
0x0000
0
Black Calibration Error. This flag is set when
not enough black samples are availlable.
Black Calibration shall not be valid.
12
140
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved
16
144
test_configuration
0x0010
16
Data Formating Test Configuration
RW
[0]
testpattern_en
0x0
0
Insert synthesized testpattern when ‘1’
[1]
inc_testpattern
0x0
0
Incrementing testpattern when ‘1’, constant
testpattern when ’0’
[2]
prbs_en
0x0
0
Insert PRBS when ‘1’
[3]
frame_testpattern
0x0
0
Frame test patterns when ‘1’, unframed
testpatterns when ‘0’
[13:4]
testpattern
0x1
1
Testpattern used when testpatterns_en = ‘1’
AEC [Block Offset: 160]
0
160
configuration
0x0010
16
AEC Configuration
RW
[0]
enable
0x0
0
AEC Enable
[1]
restart_filter
0x0
0
Restart AEC filter
[2]
freeze
0x0
0
Freeze AEC filter and enforcer gains
[3]
pixel_valid
0x0
0
Use every pixel from channel when 0, every
4th pixel when 1
[4]
amp_pri
0x1
1
Column amplifier gets higher priority than AFE
PGA in gain distribution if 1. Vice versa if 0
1
161
intensity
0x60B8
24760
AEC Configuration
RW
[9:0]
desired_intensity
0xB8
184
Target average intensity
[15:10]
reserved
0x018
24
Reserved
2
162
red_scale_factor
0x0080
128
Red Scale Factor
RW
[9:0]
red_scale_factor
0x80
128
Red Scale Factor
3.7 unsigned
3
163
green1_scale_factor
0x0080
128
Green1 Scale Factor
RW
[9:0]
green1_scale_factor
0x80
128
Green1 Scale Factor
3.7 unsigned
4
164
green2_scale_factor
0x0080
128
Green2 Scale Factor
RW
[9:0]
green2_scale_factor
0x80
128
Green2 Scale Factor
3.7 unsigned
5
165
blue_scale_factor
0x0080
128
Blue Scale Factor
RW
[9:0]
blue_scale_factor
0x80
128
Blue Scale Factor
3.7 unsigned
6
166
reserved
0x03FF
1023
Reserved
RW
[15:0]
reserved
0x03FF
1023
Reserved
7
167
reserved
0x0800
2048
Reserved
RW
[1:0]
reserved
0x0
0
Reserved
[3:2]
reserved
0x0
0
Reserved
[15:4]
reserved
0x080
128
Reserved


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com