データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 55 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 55 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 51Page - ON Semiconductor PYTHON480 Datasheet HTML 52Page - ON Semiconductor PYTHON480 Datasheet HTML 53Page - ON Semiconductor PYTHON480 Datasheet HTML 54Page - ON Semiconductor PYTHON480 Datasheet HTML 55Page - ON Semiconductor PYTHON480 Datasheet HTML 56Page - ON Semiconductor PYTHON480 Datasheet HTML 57Page - ON Semiconductor PYTHON480 Datasheet HTML 58Page - ON Semiconductor PYTHON480 Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
PYTHON 480
www.onsemi.com
55
Table 33. REGISTER MAP (continued)
Address
Offset
Type
Description
Default
Default
(Hex)
Register Name
Bit Field
Address
[5]
halt_mode
0x1
1
The current frame will be completed when the
sequencer is disabled and halt_mode = ‘1’.
When ‘0’, the sensor stops immediately when
disabled, without finishing the current frame.
[6]
fss_enable
0x1
1
Generation of Frame Sequence Start Sync
code (FSS)
‘0’: No generation of FSS
‘1’: Generation of FSS
[7]
fse_enable
0x1
1
Generation of Frame Sequence End Sync
code (FSE)
‘0’: No generation of FSE
‘1’: Generation of FSE
[8]
reverse_y
0x0
0
Reverse readout
‘0’: bottom to top readout
‘1’: top to bottom readout
[9]
reverse_x
0x0
0
Reverse readout (X−direction)
‘0’: left to right
‘1’: right to left
[11:10]
subsampling_mode
0x0
0
Subsampling mode
“00”: Subsampling in x and y (VITA
compatible)
“01”: Subsampling in x, not y
“10”: Subsampling in y, not x
“11”: Subsampling in x an y
[13:12]
reserved
0x0
0
Reserved
[14]
reserved
0x0
0
Reserved
[15]
reserved
0x0
0
Reserved
3
195
roi_active0_0
0x0001
1
Active ROI Selection
RW
[3:0]
roi_active0
0x01
1
Active ROI Selection
[0] Roi0 Active
[1] Roi1 Active
...
[3] Roi3 Active
5
197
black_lines
0x0104
260
Black Line Configuration
RW
[7:0]
black_lines
0x04
4
Number of black lines. Minimum is 1.
Range 1-255
[12:8]
gate_first_line
0x1
1
Blank out first lines
0: no blank
1-31: blank 1-31 lines
6
198
init_reset_length
0x0040
64
Initial Reset Length
RW
[15:0]
init_reset_length
0x0040
64
Initial Reset Length in Fast Startup Mode
(reg_sec_fast_startup = 0x1)
7
199
mult_timer0
0x0001
1
Exposure/Frame Rate Configuration
RW
[15:0]
mult_timer0
0x0001
1
Mult Timer (Global shutter only)
Defines granularity (unit = 1/PLL clock) of
exposure and reset_length
8
200
fr_length0
0x0000
0
Exposure/Frame Rate Configuration
RW
[15:0]
fr_length0
0x0000
0
Frame/Reset length (Global shutter only)
Reset length when fr_mode = ‘0’,
Frame Length when fr_mode = ‘1’
Granularity defined by mult_timer
9
201
exposure0
0x0000
0
Exposure/Frame Rate Configuration
RW
[15:0]
exposure0
0x0000
0
Exposure Time
Granularity defined by mult_timer
10
202
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved
11
203
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com