データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 62 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 62 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 58Page - ON Semiconductor PYTHON480 Datasheet HTML 59Page - ON Semiconductor PYTHON480 Datasheet HTML 60Page - ON Semiconductor PYTHON480 Datasheet HTML 61Page - ON Semiconductor PYTHON480 Datasheet HTML 62Page - ON Semiconductor PYTHON480 Datasheet HTML 63Page - ON Semiconductor PYTHON480 Datasheet HTML 64Page - ON Semiconductor PYTHON480 Datasheet HTML 65Page - ON Semiconductor PYTHON480 Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
PYTHON 480
www.onsemi.com
62
Table 34. PIN LIST (continued)
Pin Map
Description
Direction
I/O Type
Pin Name
C7
DOUT5
CMOS
Output
Data Output #5
G7
VSS_18
Supply
1.8 V Ground
H7
VSS_33
Supply
3.3 V Ground
A8
CLK_OUT
CMOS
Output
Clock Output
B8
DOUT4
CMOS
Output
Data Output #4
C8
DOUT3
CMOS
Output
Data Output #3
G8
VSS_18
Supply
1.8 V Ground
H8
VSS_33
Supply
3.3 V Ground
A9
DOUT2
CMOS
Output
Data Output #2
B9
DOUT0
CMOS
Output
Data Output #0
C9
DOUT1
CMOS
Output
Data Output #1
G9
CLK_PLL
CMOS
Input
Reference Clock Input for PLL
H9
VDD_18
Supply
1.8 V Supply
A10
VDD_18
Supply
1.8 V Supply
B10
VDD_PIX
Supply
Pixel Array Supply
C10
CLOCK_OUTN
LVDS
Output
LVDS Clock Output (Negative)
D10
DOUTN
LVDS
Output
LVDS Data Output (Negative)
E10
SYNCN
LVDS
Output
LVDS Sync Channel Output (Negative)
F10
LVDS_CLOCK_INN
LVDS
Input
LVDS Clock Input (Negative)
G10
LOCK_DETECT
CMOS
Output
Lock Detect Output
H10
VDD_33
Supply
3.3 V Supply
A11
VSS_COLPC
Supply
Pixel Array Ground
B11
CLOCK_OUTP
LVDS
Output
LVDS Clock Output (Positive)
C11
DOUTP
LVDS
Output
LVDS Data Output (Positive)
D11
SYNCP
LVDS
Output
LVDS Sync Channel Output (Positive)
E11
LVDS_CLOCK_INP
LVDS
Input
LVDS Clock Input (Positive)
F11
VDD_33
Supply
3.3 V Supply
G11
VSS_18
Supply
1.8 V Ground
H11
VDD_33
Supply
3.3 V Supply


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com