データシートサーチシステム |
|
PYTHON480 データシート(PDF) 1 Page - ON Semiconductor |
|
PYTHON480 データシート(HTML) 1 Page - ON Semiconductor |
1 / 69 page © Semiconductor Components Industries, LLC, 2016 July, 2017 − Rev. 1 1 Publication Order Number: NOIP1SN0480A/D PYTHON480 PYTHON 0.48 Megapixel Global Shutter CMOS Image Sensor FEATURES • 808 x 608 Active Pixels, 1/3.6” Optical Format • 4.8 mm x 4.8 mm Low Noise Global Shutter Pixels with In-pixel CDS • Monochrome (SN, SP), Color (SE, SF) • Wide CRA Options (SP, SF) • Frame Rate up to 120 fps at Full Resolution • On−chip 10−bit Analog−to−Digital Converter (ADC) • 10−bit Output Mode • One Low Voltage Differential Signaling (LVDS) High Speed Serial Output or Parallel CMOS Output • Random Programmable Region of Interest (ROI) Readout • Serial Peripheral Interface (SPI) • Automatic Exposure Control (AEC) • Phase Locked Loop (PLL) • Dual Power Supply (3.3 V and 1.8 V) • −40°C to +85°C Operational Temperature Range • 67 pin CSP • 265 mW / 185 mW Power Dissipation (LVDS 120 fps / 60 fps) • These Devices are Pb−Free and are RoHS Compliant APPLICATIONS • Machine Vision • Motion Monitoring • Security • Bar Code Scanning DESCRIPTION The PYTHON 480 image sensor utilizes high sensitivity 4.8 mm x 4.8 mm pixels that support low noise “pipelined” and “triggered” global shutter readout modes. In global shutter mode, the sensors support correlated double sampling (CDS) readout, reducing noise and increasing dynamic range. The image sensors have on−chip programmable gain amplifiers and 10−bit A/D converters. The integration time and gain parameters can be reconfigured without any visible image artifact. Optionally the on−chip automatic exposure control loop (AEC) controls these parameters dynamically. The image’s black level is either calibrated automatically or can be adjusted by a user programmable offset. A high level of programmability using a four wire serial peripheral interface enables the user to read out specific regions of interest. Up to four regions can be programmed, achieving even higher frame rates. The image data interface consists of one LVDS data lane, facilitating frame rate up to 120 frames per second. A separate synchronization channel containing payload information is provided to facilitate the image reconstruction at the receiving end. The device also provides a parallel CMOS output interface at the same frame rate. The PYTHON 480 is packaged in a 67−pin CSP package and is available in monochrome and Bayer color configurations with standard and wide CRA options. www.onsemi.com |
同様の部品番号 - PYTHON480 |
|
同様の説明 - PYTHON480 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |