データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 12 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 12 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 8Page - ON Semiconductor PYTHON480 Datasheet HTML 9Page - ON Semiconductor PYTHON480 Datasheet HTML 10Page - ON Semiconductor PYTHON480 Datasheet HTML 11Page - ON Semiconductor PYTHON480 Datasheet HTML 12Page - ON Semiconductor PYTHON480 Datasheet HTML 13Page - ON Semiconductor PYTHON480 Datasheet HTML 14Page - ON Semiconductor PYTHON480 Datasheet HTML 15Page - ON Semiconductor PYTHON480 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
PYTHON 480
www.onsemi.com
12
OVERVIEW
Figure 11 gives an overview of the major functional blocks of the sensor.
Figure 11. Block Diagram
Pixel Array
Data Formatting
Serializers & LVDS
Interface
LVDS Clock
Input
LVDS Interface
(Data, Sync, Clock)
2 analog channels
2 x 10 bit
digital channels
1 x 10 bit
digital channels
Column Structure
Image Core Bias
Image Core
Automatic
Exposure
Control
(AEC)
Clock
Distribution
CMOS Clock
Input
LVDS
Receiver
PLL
Control &
Registers
CMOS Interface
CMOS Interface
(Data, frame_valid,
line_valid)
Analog Front End (AFE)
Image Core
The image core consists of:
Pixel Array
Address Decoders and Row Drivers
Pixel Biasing
The PYTHON 480 pixel array contains 808 (H) x 608 (V)
readout pixels with a pixel pitch of 4.8
mm, inclusive of 8
pixel rows and 8 pixel columns at every side to allow for
reprocessing or color reconstruction. The sensors use
in−pixel CDS architecture, which makes it possible to
achieve a low noise read out of the pixel array in global
shutter mode with CDS.
The function of the row drivers is to access the image array
line by line, or all lines together, to reset or read the pixel
data. The row drivers are controlled by the on−chip
sequencer and can access the pixel array.
The pixel biasing block guarantees that the data on a pixel
is transferred properly to the column multiplexer when the
row drivers select a pixel line for readout.
Phase Locked Loop
The PLL accepts a (low speed) clock and generates the
required high speed clock. Input clock frequency is 68 MHz.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com