データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 14 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 14 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 10Page - ON Semiconductor PYTHON480 Datasheet HTML 11Page - ON Semiconductor PYTHON480 Datasheet HTML 12Page - ON Semiconductor PYTHON480 Datasheet HTML 13Page - ON Semiconductor PYTHON480 Datasheet HTML 14Page - ON Semiconductor PYTHON480 Datasheet HTML 15Page - ON Semiconductor PYTHON480 Datasheet HTML 16Page - ON Semiconductor PYTHON480 Datasheet HTML 17Page - ON Semiconductor PYTHON480 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
PYTHON 480
www.onsemi.com
14
OPERATING MODES
Global Shutter Mode
The PYTHON 480 operates in pipelined or triggered
global shuttering modes. In this mode, light integration takes
place on all pixels in parallel, although subsequent readout
is sequential. Figure 12 shows the integration and readout
sequence for the global shutter. All pixels are light sensitive
at the same period of time. The whole pixel core is reset
simultaneously and after the integration time all pixel values
are sampled together on the storage node inside each pixel.
The pixel core is read out line by line after integration. Note
that the integration and readout can occur in parallel or
sequentially. The integration starts at a certain period,
relative to the frame start.
Figure 12. Global Shutter Operation
Pipelined Global Shutter Mode
In pipelined global shutter mode, the integration and
readout are done in parallel. Images are continuously read
and integration of frame N is ongoing during readout of the
previous frame N−1. The readout of every frame starts with
a Frame Overhead Time (FOT), during which the analog
value on the pixel diode is transferred to the pixel memory
element. After the FOT, the sensor is read out line per line
and the readout of each line is preceded by the Row
Overhead Time (ROT). Figure 13 shows the exposure and
readout time line in pipelined global shutter mode.
Master Mode
In this mode, the integration time is set through the
register interface and the sensor integrates and reads out the
images autonomously. The sensor acquires images without
any user interaction.
Figure 13. Integration and Readout for Pipelined Shutter
Reset
N
Exposure Time N
Reset
N+1
Exposure Time N+1
Readout Frame N-1
FOT
FOT
Readout Frame N
FOT
Integration Time
Handling
Readout
Handling
ROT
Line Readout
FOT
FOT
Slave Mode
The slave mode adds more manual control to the sensor.
The integration time registers are ignored in this mode and
the integration time is instead controlled by an external pin.
As soon as the control pin is asserted, the pixel array goes out
of reset and integration starts. The integration continues
until the user or system deasserts the external pin. Upon a
falling edge of the trigger input, the image is sampled and the
readout begins. Figure 14 shows the relation between the
external trigger signal and the exposure/readout timing.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com