データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 15 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 15 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 11Page - ON Semiconductor PYTHON480 Datasheet HTML 12Page - ON Semiconductor PYTHON480 Datasheet HTML 13Page - ON Semiconductor PYTHON480 Datasheet HTML 14Page - ON Semiconductor PYTHON480 Datasheet HTML 15Page - ON Semiconductor PYTHON480 Datasheet HTML 16Page - ON Semiconductor PYTHON480 Datasheet HTML 17Page - ON Semiconductor PYTHON480 Datasheet HTML 18Page - ON Semiconductor PYTHON480 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
PYTHON 480
www.onsemi.com
15
Figure 14. Pipelined Shutter Operated in Slave Mode
Reset
N
Exposure Time N
Reset
N+1
Exposure T im e N+1
Readout N−1
FOT
FOT
Readout N
FOT
Integration Time
Handling
Readout
Handling
ROT
Line Readout
External Trigger
FOT
FOT
Triggered Global Shutter Mode
In this mode, manual intervention is required to control
both the integration time and the start of readout. After the
integration time, indicated by a user controlled pin, the
image core is read out. After this sequence, the sensor goes
to an idle mode until a new user action is detected.
The three main differences with the pipelined global
shutter mode are:
Upon user action, one single image is read.
Normally, integration and readout are done
sequentially. However, the user can control the sensor
in such a way that two consecutive batches are
overlapping, that is, having concurrent integration and
readout.
Integration and readout is under user control through an
external pin.
This mode requires manual intervention for every frame.
The pixel array is kept in reset state until requested.
The triggered global mode can also be controlled in a
master or in a slave mode.
Master Mode
In this mode, a rising edge on the synchronization pin is
used to trigger the start of integration and readout. The
integration time is defined by a register setting. The sensor
autonomously integrates during this predefined time, after
which the FOT starts and the image array is readout
sequentially. A falling edge on the synchronization pin does
not have any impact on the readout or integration and
subsequent frames are started again for each rising edge.
Figure 15 shows the relation between the external trigger
signal and the exposure/readout timing.
If a rising edge is applied on the external trigger before the
exposure time and FOT of the previous frame is complete,
it is ignored by the sensor.
Figure 15. Triggered Shutter Operated in Master Mode
Reset
N
Exposure Time N
Reset
N+1
Exposure Time N+1
Readout N-1
FOT
FOT
Readout N
FOT
Integration Time
Handling
Readout
Handling
ROT
Line Readout
External Trigger
No effect on falling edge
Register Controlled
FOT
FOT
Slave Mode
Integration time control is identical to the pipelined
shutter slave mode. An external synchronization pin
controls the start of integration. When it is de−asserted, the
FOT starts. The analog value on the pixel diode is
transferred to the pixel memory element and the image
readout can start. A request for a new frame is started when
the synchronization pin is asserted again.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com