データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 18 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 18 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 14Page - ON Semiconductor PYTHON480 Datasheet HTML 15Page - ON Semiconductor PYTHON480 Datasheet HTML 16Page - ON Semiconductor PYTHON480 Datasheet HTML 17Page - ON Semiconductor PYTHON480 Datasheet HTML 18Page - ON Semiconductor PYTHON480 Datasheet HTML 19Page - ON Semiconductor PYTHON480 Datasheet HTML 20Page - ON Semiconductor PYTHON480 Datasheet HTML 21Page - ON Semiconductor PYTHON480 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
PYTHON 480
www.onsemi.com
18
Check the PLL_lock flag 24[0] by reading the SPI
register. When the flag is set, the ‘Enable Clock
Management− Part 2’ action can be continued. When PLL
is not used, this step can be bypassed as shown in Figure 16
on page 16.
Table 6. ENABLE CLOCK MANAGEMENT REGISTER UPLOAD: PART 1
Upload #
Address
Data
Description
LVDS Mode with PLL
1
2
0x0000
Monochrome sensor
0x0001
Color sensor
2
8
0x0000
Release PLL soft reset
3
16
0x0003
Enable PLL
4
17
0x2113
Configure PLL
5
20
0x0000
Configure clock management
6
26
0x2280
Configure PLL lock detector
7
27
0x3D2D
Configure PLL lock detector
8
32
0x7014
Configure clock management
Enable Clock Management − Part 2
The next step to configure the clock management consists
of SPI uploads which enables all internal clock distribution.
The required uploads are listed in Table 4. Note that it is
important to follow the upload sequence listed in Table 7.
Table 7. ENABLE CLOCK MANAGEMENT REGISTER UPLOAD: PART 2
Upload #
Address
Data
Description
LVDS Mode with PLL
1
9
0x0000
Release clock generator soft reset
2
32
0x7007
Enable logic clock
3
34
0x0001
Enable logic blocks
Required Register Upload
In this phase, the ‘reserved’ register settings are uploaded
through the SPI register. Different settings are not allowed
and may cause the sensor to malfunction. The required
uploads can be downloaded from the MyON website.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com