データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 20 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 20 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 16Page - ON Semiconductor PYTHON480 Datasheet HTML 17Page - ON Semiconductor PYTHON480 Datasheet HTML 18Page - ON Semiconductor PYTHON480 Datasheet HTML 19Page - ON Semiconductor PYTHON480 Datasheet HTML 20Page - ON Semiconductor PYTHON480 Datasheet HTML 21Page - ON Semiconductor PYTHON480 Datasheet HTML 22Page - ON Semiconductor PYTHON480 Datasheet HTML 23Page - ON Semiconductor PYTHON480 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
PYTHON 480
www.onsemi.com
20
Enable Sequencer
During the ‘Enable Sequencer’ action, the frame grabbing
sequencer is enabled. The sensor starts grabbing images in
the configured operation mode. Refer to Sensor States on
page 17.
The ‘Enable Sequencer’ action consists of a set of register
uploads. The required uploads are listed in Table 9.
Table 9. ENABLE SEQUENCER REGISTER UPLOAD
Upload #
Address
Data (ZROT)
Description
1
192
0x0803
Enable Sequencer
User Actions: Functional Modes to Power Down Sequences
Disable Sequencer
During the ‘Disable Sequencer’ action, the frame
grabbing sequencer is stopped. The sensor stops grabbing
images and returns to the idle mode.
The ‘Disable Sequencer’ action consists of a set of register
uploads. as listed in Table 10.
Table 10. DISABLE SEQUENCER REGISTER UPLOAD
Upload #
Address
Data (ZROT)
Description
1
192
0x0802
Disable sequencer
Soft Power Down
During the soft power down action, the internal blocks are
disabled and the sensor is put in standby state to reduce the
current dissipation. This action exists of a set of SPI uploads.
The soft power down uploads are listed in Table 12.
Table 11. SOFT POWER DOWN REGISTER UPLOAD
Upload #
Address
Data
Description
LVDS Mode with PLL
1
112
0x0999
Soft reset
2
72
0x7006
Disable analog clock
3
64
0x0000
Disable column multiplexer
4
48
0x4110
Image core config
5
42
0x0000
Disable AFE
6
40
0x0000
Disable biasing block
7
32
0x0010
Disable charge pump
8
10
0x0000
Disable LVDS transmitters
CMOS Mode with PLL
1
72
0x0999
Soft reset
2
64
0x7006
Disable analog clock
3
48
0x0000
Disable column multiplexer
4
42
0x4110
Image core config
5
40
0x0000
Disable AFE
6
32
0x0000
Disable biasing block
7
10
0x0010
Disable charge pump


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com