データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 21 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 21 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 17Page - ON Semiconductor PYTHON480 Datasheet HTML 18Page - ON Semiconductor PYTHON480 Datasheet HTML 19Page - ON Semiconductor PYTHON480 Datasheet HTML 20Page - ON Semiconductor PYTHON480 Datasheet HTML 21Page - ON Semiconductor PYTHON480 Datasheet HTML 22Page - ON Semiconductor PYTHON480 Datasheet HTML 23Page - ON Semiconductor PYTHON480 Datasheet HTML 24Page - ON Semiconductor PYTHON480 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
PYTHON 480
www.onsemi.com
21
Disable Clock Management − Part 2
The ‘Disable Clock Management’ action stops the
internal clocking to further decrease the power dissipation.
This action can be implemented with the SPI uploads as
shown in Table 13.
Table 12. DISABLE CLOCK MANAGEMENT REGISTER UPLOAD: PART 2
Upload #
Address
Data
Description
LVDS Mode with PLL
1
34
0x0000
Soft reset clock generator
2
32
0x7004
Disable logic clock
3
9
0x0000
Disable logic blocks
Disable Clock Management − Part 1
The ‘Disable Clock Management’ action stops the
internal clocking to further decrease the power dissipation.
This action can be implemented with the SPI uploads as
shown in Table 13.
Table 13. DISABLE CLOCK MANAGEMENT REGISTER UPLOAD: PART 1
Upload #
Address
Data
Description
LVDS Mode with PLL
1
16
0x0099
Soft reset PLL
2
8
0x0000
Disable PLL
Power Down Sequence
Figure 18 illustrates the timing diagram of the preferred
power down sequence. It is important that the sensor is in
reset before the clock input stops running. Otherwise, the
internal PLL becomes unstable and the sensor gets into an
unknown state. This can cause high peak currents.
The same applies for the ramp down of the power
supplies. The preferred order to ramp down the supplies is
first vdd_pix, second vdd_33, and finally vdd_18. Any other
sequence can cause high peak currents.
NOTE: The ‘clock input’ can be the LVDS clock input
(lvds_clock_inn/p) in case the PLL is bypassed.
Figure 18. Power Down Sequence
reset_n
vdd_18
vdd_33
clock input
vdd_pix
> 10us
> 10us
> 10us
> 10us


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com