データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 22 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 22 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 18Page - ON Semiconductor PYTHON480 Datasheet HTML 19Page - ON Semiconductor PYTHON480 Datasheet HTML 20Page - ON Semiconductor PYTHON480 Datasheet HTML 21Page - ON Semiconductor PYTHON480 Datasheet HTML 22Page - ON Semiconductor PYTHON480 Datasheet HTML 23Page - ON Semiconductor PYTHON480 Datasheet HTML 24Page - ON Semiconductor PYTHON480 Datasheet HTML 25Page - ON Semiconductor PYTHON480 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
PYTHON 480
www.onsemi.com
22
Sensor Reconfiguration
During the standby, idle, or running state several sensor
parameters can be reconfigured.
Frame Rate and Exposure Time: Frame rate and
exposure time changes can occur during standby, idle,
and running states by modifying registers 199 to 203.
Refer to page 30−32 for more information.
Signal Path Gain: Signal path gain changes can occur
during standby, idle, and running states by modifying
registers 204/205. Refer to page 37 for more
information.
Windowing: Changes with respect to windowing can
occur during standby, idle, and running states. Refer to
Multiple Window Readout on page 29 for more
information.
Subsampling: Changes of the subsampling mode can
occur during standby, idle, and running states by
modifying register 192. Refer to Subsampling on
page 30 for more information.
Shutter Mode: The shutter mode can only be changed
during standby or idle mode by modifying register 192.
Reconfiguring the shutter mode during running state is
not supported.
Sensor Configuration
This device contains multiple configuration registers.
Some of these registers can only be configured while the
sensor is not acquiring images (while register 192[0] = 0),
while others can be configured while the sensor is acquiring
images. For the latter category of registers, it is possible to
distinguish the register set that can cause corrupted images
(limited number of images containing visible artifacts) from
the set of registers that are not causing corrupted images.
These three categories are described here.
Static Readout Parameters
Some registers are only modified when the sensor is not
acquiring images. Reconfiguration of these registers while
images are acquired can cause corrupted frames or even
interrupt the image acquisition. Therefore, it is
recommended to modify these static configurations while
the sequencer is disabled (register 192[0] = 0). The registers
shown in Table 14 should not be reconfigured during image
acquisition. A specific configuration sequence applies for
these registers. Refer to the operation flow and startup
description.
Table 14. STATIC READOUT PARAMETERS
Group
Addresses
Description
Clock generator
32
Configure according to recommendation
Image core
40
Configure according to recommendation
AFE
48
Configure according to recommendation
Bias
64–71
Configure according to recommendation
LVDS
112
Configure according to recommendation
Sequencer mode selection
192 [5:4]
Operation modes are: • triggered_mode
• slave_mode
All reserved registers
Keep reserved registers to their default state, unless otherwise described in the
recommendation
Dynamic Configuration Potentially Causing Image
Artifacts
The category of registers as shown in Table 15 consists of
configurations that do not interrupt the image acquisition
process, but may lead to one or more corrupted images
during and after the reconfiguration. A corrupted image is an
image containing visible artifacts. A typical example of a
corrupted image is an image which is not uniformly
exposed.
The effect is transient in nature and the new configuration
is applied after the transient effect.
Table 15. DYNAMIC CONFIGURATION POTENTIALLY CAUSING IMAGE ARTIFACTS
Group
Addresses
Description
Black level configuration
128–129
197[12:8]
reconfiguration of these registers may have an impact on the black−level
calibration algorithm. The effect is a transient number of images with incorrect black
level compensation.
Sync codes
129[13]
116–126
Incorrect sync codes may be generated during the frame in which these registers
are modified.
Datablock test configurations
144
Modification of these registers may generate incorrect test patterns during
a transient frame.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com