データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 3 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 3 Page - ON Semiconductor

  PYTHON480 Datasheet HTML 1Page - ON Semiconductor PYTHON480 Datasheet HTML 2Page - ON Semiconductor PYTHON480 Datasheet HTML 3Page - ON Semiconductor PYTHON480 Datasheet HTML 4Page - ON Semiconductor PYTHON480 Datasheet HTML 5Page - ON Semiconductor PYTHON480 Datasheet HTML 6Page - ON Semiconductor PYTHON480 Datasheet HTML 7Page - ON Semiconductor PYTHON480 Datasheet HTML 8Page - ON Semiconductor PYTHON480 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
PYTHON 480
www.onsemi.com
3
SPECIFICATIONS
Key Specifications
Table 1. GENERAL SPECIFICATIONS
Parameter
Specification
Pixel type
In−pixel CDS. Global shutter pixel
architecture
Shutter type
Pipelined and triggered global shutter
Frame rate
up to 120fps (Full Frame readout)
Master clock
LVDS Mode:
68 MHz when PLL is used,
340 MHz (10−bit) / 272 MHz (8−bit)
when PLL is not used
CMOS Mode: 68 MHz
Windowing
4 Randomly programmable windows.
Normal, sub−sampled and binned
readout modes
ADC resolution
10−bit
LVDS outputs
data + sync + clock
CMOS outputs
10−bit parallel output, frame_valid,
line_valid, clock
Data rate
LVDS Mode:
1 x 680 Mbps (10−bit)
CMOS Mode: 68 MHz
Power dissipation
LVDS mode: 265 mW,
CMOS mode: 185 mW
Package type
67−pin CSP
NOTE: All numbers listed are for 1x gain condition unless
otherwise noted.
Table 2. ELECTRO−OPTICAL SPECIFICATIONS
Parameter
Specification
Active pixels
808 (H) x 608 (V)
Pixel size
4.8 mm x 4.8 mm
Conversion gain
0.096 LSB10/e
140 mV/e
Dark temporal noise
< 11 e
Responsivity at 550 nm
7.7 V/lux.s
Parasitic Light
Sensitivity (PLS)
<1/6300
Full Well Charge
10000 e
Quantum Efficiency at
550 nm
56%
Pixel FPN
< 1.0 LSB10
PRNU
< 1%
MTF
62% @ 535 nm − X−dir & Y−dir
PSNL at 20°C
200 LSB10/s, 2000 e/s
Dark signal at 20°C
5 e/s, 0.5 LSB10/s
Dynamic Range
> 59 dB
Signal to Noise Ratio
(SNR max)
40 dB
NOTE: All numbers listed are for 1x analog gain condition unless
otherwise noted.
Table 3. RECOMMENDED OPERATING RATINGS (Note 1)
Symbol
Description
Min
Max
Unit
TJ
Operating temperature range
−40
85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. Performance parameters may degrade above 60°C.
Table 4. ABSOLUTE MAXIMUM RATINGS (Note 4)
Symbol
Parameter
Min
Max
Unit
ABS (1.8 V supply group)
ABS rating for 1.8 V supply group
–0.5
2.2
V
ABS (3.3 V supply group)
ABS rating for 3.3 V supply group
–0.5
3.8
V
TS
ABS storage temperature range
−40
150
°C
ABS storage humidity range at 85°C
85
%RH
Electrostatic discharge (ESD)
Human Body Model (HBM): JS−001
500
V
Charged Device Model (CDM): JESD22−C101
500
LU
Latch−up: JESD−78
100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. The ADC is 11−bit, down−scaled to 10−bit. The PYTHON uses a larger word−length internally to provide 10−bit on the output.
3. Operating ratings are conditions in which operation of the device is intended to be functional.
4. ON Semiconductor recommends that customers become familiar with, and follow the procedures in JEDEC Standard JESD625−A. Refer
to Application Note AN52561. Long term exposure toward the maximum storage temperature will accelerate color filter degradation.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com