データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 35 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 35 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 31Page - ON Semiconductor PYTHON480 Datasheet HTML 32Page - ON Semiconductor PYTHON480 Datasheet HTML 33Page - ON Semiconductor PYTHON480 Datasheet HTML 34Page - ON Semiconductor PYTHON480 Datasheet HTML 35Page - ON Semiconductor PYTHON480 Datasheet HTML 36Page - ON Semiconductor PYTHON480 Datasheet HTML 37Page - ON Semiconductor PYTHON480 Datasheet HTML 38Page - ON Semiconductor PYTHON480 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
PYTHON 480
www.onsemi.com
35
Mode Changes and Frame Blanking
Dynamically reconfiguring the sensor may lead to
corrupted or non-uniformilly exposed frames. For some
reconfigurations, the sensor automatically blanks out the
image data during one frame. Frame blanking is
summarized in the following table for the sensor’s image
related modes.
NOTE: Major mode switching (i.e. switching between
master, triggered or slave mode) must be
performed while the sequencer is disabled
(reg_seq_enable = 0x0).
Table 26. DYNAMIC SENSOR RECONFIGURATION AND FRAME BLANKING
Configuration
Corrupted
Frame
Blanked Out
Frame
Notes
Shutter Mode and Operation
triggered_mode
Do not reconfigure while the sensor is acquiring images. Disable image acquisition by setting
reg_seq_enable = 0x0.
slave_mode
Do not reconfigure while the sensor is acquiring images. Disable image acquisition by setting
reg_seq_enable = 0x0.
subsampling
Enabling: No
Disabling: Yes
Configurable
Configurable with blank_subsampling_ss register.
Frame Timing
black_lines
No
No
Exposure Control
mult_timer
No
No
Latency is 1 frame
fr_length
No
No
Latency is 1 frame
exposure
No
No
Latency is 1 frame
Gain
mux_gainsw
No
No
Latency configurable by means of gain_lat_comp register
afe_gain
No
No
Latency configurable by means of gain_lat_comp register.
db_gain
No
No
Latency configurable by means of gain_lat_comp register.
Window/ROI
roi_active
See Note
No
Windows containing lines previously not read out may lead to corrupted
frames.
roi*_configuration*
See Note
No
Reconfiguring the windows by means of roi*_configuration* may lead to
corrupted frames when configured close to frame boundaries.
It is recommended to (re)configure an inactive window and switch the
roi_active register.
See Notes on roi_active.
Black Calibration
black_samples
No
No
If configured within range of configured black lines
auto_blackal_enable
See Note
No
Manual correction factors become instantly active when
auto_blackcal_enable is deasserted during operation.
blackcal_offset
See Note
No
Manual blackcal_offset updates are instantly active.
CRC Calculation
crc_seed
No
No
Impacts the transmitted CRC
Sync Channel
bl_0
No
No
Impacts the Sync channel information, not the Data channels.
img_0
No
No
Impacts the Sync channel information, not the Data channels.
crc_0
No
No
Impacts the Sync channel information, not the Data channels.
tr_0
No
No
Impacts the Sync channel information, not the Data channels.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com