データシートサーチシステム |
|
PYTHON480 データシート(PDF) 36 Page - ON Semiconductor |
|
PYTHON480 データシート(HTML) 36 Page - ON Semiconductor |
36 / 69 page PYTHON 480 www.onsemi.com 36 Monitor Pins The internal sequencer has two monitor outputs (Pin 44 and Pin 45) that can be used to communicate the internal states from the sequencer. A three−bit register configures the assignment of the pins as shown in Table 27. Table 27. MONITOR SELECT Monitor Select Monitor Output Description 0x0 monitor0: ‘0’ No information is provided on the output pins. All outputs are driven to logic ‘0’ monitor1: ‘0’ monitor2: ‘0’ 0x1 monitor0: Integration time indication High during integration monitor1: ROT indication High when ROT is active, low outside ROT monitor2: Dummy line indication High during dummy lines, low during all other lines 0x2 monitor0: Integration time indication High during integration monitor1: N/A N/A monitor2: N/A N/A 0x3 monitor0: Start of X-readout Pulse indicating the start of X-readout monitor1: Black line indication High during black lines, low during all other lines monitor2: Dummy line indication High during dummy lines, low during all other lines 0x4 monitor0: Frame start Pulse indicating the start of a new frame monitor1: Start of ROT Pulse indicating the start of ROT monitor2: Start of X-readout Pulse indicating the start of X-readout 0x5 monitor0: First line indication High during the first line of each frame, low for all others monitor1: Start of ROT indication Pulse indicating the start of ROT monitor2: ROT inactive Low when ROT is active, high outside ROT 0x6 monitor0: ROT indication High when ROT is active, low outside ROT monitor1: Start of X-readout Pulse indicating the start of X-readout monitor2: X-readout inactive Low during X-readout, high outside X-readout 0x7 monitor0: Start of X-readout for black lines Pulse indicating the start of X-readout for black lines monitor1: Start of X-readout for image lines Pulse indicating the start of X-readout for image lines monitor2: Start of X-readout for dummy lines Pulse indicating the start of X-readout for dummy lines |
同様の部品番号 - PYTHON480 |
|
同様の説明 - PYTHON480 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |