データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 38 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 38 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 34Page - ON Semiconductor PYTHON480 Datasheet HTML 35Page - ON Semiconductor PYTHON480 Datasheet HTML 36Page - ON Semiconductor PYTHON480 Datasheet HTML 37Page - ON Semiconductor PYTHON480 Datasheet HTML 38Page - ON Semiconductor PYTHON480 Datasheet HTML 39Page - ON Semiconductor PYTHON480 Datasheet HTML 40Page - ON Semiconductor PYTHON480 Datasheet HTML 41Page - ON Semiconductor PYTHON480 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
PYTHON 480
www.onsemi.com
38
DATA OUTPUT FORMAT
The PYTHON 480 image sensor can be configured in LVDS
output mode, which includes one LVDS output channel
together with an LVDS clock output and an LVDS
synchronization output channel. The PYTHON 480 is also
configurable in a CMOS output configuration, which
includes a 10−bit parallel CMOS output together with a
CMOS clock output and ‘frame valid’ and ‘line valid’
CMOS output signals.
LVDS Interface Mode
LVDS Output Channels
The image data output occurs through one LVDS data
channel where a synchronization LVDS channel and an
LVDS output clock signal synchronizes the data.
The one data channel is used to output the image data only.
The sync channel transmits information about the data sent
over the data channel (includes codes indicating black
pixels, normal pixels, and CRC codes).
Frame Format
The frame format is explained by example of the readout
of two (overlapping) windows as shown in Figure 30(a).
The readout of a frame occurs on a line−by−line basis. The
read pointer goes from left to right, bottom to top.
Figure 30 indicates that, after the FOT is completed, the
sensor reads out a number of black lines for black calibration
purposes. After these black lines, the windows are
processed. First a number of lines which only includes
information of ‘ROI 0’ are sent out, starting at position
y0_start. When the line at position y1_start is reached, a
number of lines containing data of ‘ROI 0’ and ‘ROI 1’ are
sent out, until the line position of y0_end is reached. From
there on, only data of ‘ROI 1’ appears on the data output
channels until line position y1_end is reached
During read out of the image data over the data channels,
the sync channel sends out frame synchronization codes
which give information related to the image data that is sent
over the four data output channels.
Each line of a window starts with a Line Start (LS)
indication and ends with a Line End (LE) indication. The
line start of the first line is replaced by a Frame Start (FS);
the line end of the last line is replaced with a Frame End
indication (FE). Each such frame synchronization code is
followed by a window ID (range 0 to 7). For overlapping
windows, the line synchronization codes of the overlapping
windows with lower IDs are not sent out (as shown in the
illustration: no LE/FE is transmitted for the overlapping part
of window 0).
NOTE: In Figure 30, only Frame Start and Frame End
Sync words are indicated in (b). CRC codes are
also omitted from the figure.
For additional information on the
synchronization codes, refer to
Application Note AND5001.


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com