データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 40 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 40 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 36Page - ON Semiconductor PYTHON480 Datasheet HTML 37Page - ON Semiconductor PYTHON480 Datasheet HTML 38Page - ON Semiconductor PYTHON480 Datasheet HTML 39Page - ON Semiconductor PYTHON480 Datasheet HTML 40Page - ON Semiconductor PYTHON480 Datasheet HTML 41Page - ON Semiconductor PYTHON480 Datasheet HTML 42Page - ON Semiconductor PYTHON480 Datasheet HTML 43Page - ON Semiconductor PYTHON480 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
PYTHON 480
www.onsemi.com
40
Figure 32 shows shows the details of the readout of a number of lines for single window readout, at the beginning of the frame.
Figure 32. LVDS Mode: Time Line for Single Window Readout (at the start of a frame)
data channels
sync channel
data channels
sync channel
Sequencer
Internal State
line Ys
line Ys+1
line Ye
black
timeslot
Xstart
Training
TR
FS
ID
IMG
LE
Training
TR
FOT
ROT
ROT
ROT
ID
ROT
CRC
IMG
IMG
IMG
IMG
IMG
timeslot
Xstart + 1
timeslot
Xend - 2
timeslot
Xend - 1
timeslot
Xend
CRC
timeslot
Figure 33 shows the detail of the readout of a number of lines for readout of two overlapping windows.
Figure 33. LVDS Mode: Time Line Showing the Readout of Two Overlapping Windows
data channels
sync channel
data channels
sync channel
Sequencer
Internal State
line Ys+1
line Ye
black
timeslot
XstartM
Training
TR
LS
IDM
IMG
LE
Training
TR
FOT
ROT
ROT
ROT
IDN
ROT
CRC
IMG
LS
IDN
IMG
IMG
timeslot
XstartN
timeslot
XendN
line Ys
IMG
Frame Synchronization
Table 29 shows the structure of the frame synchronization
code. Note that the table shows the default data word
(configurable). If more than one window is active at the
same time, the sync channel transmits the frame
synchronization codes of the window with highest index
only.
Table 29. FRAME SYNCHRONIZATION CODE DETAILS
Sync Word Bit
Position
Register
Address
Default
Value
Description
9:7
N/A
0x4
Frame Sequence Start (FSS). Only sent out when reg_seq_fss_enable is asserted.
9:7
N/A
0x7
Frame Sequence End (FSE). Only sent out when reg_seq_fse_enable is asserted.
9:7
N/A
0x5
Frame start indication
9:7
N/A
0x6
Frame end indication
9:7
N/A
0x1
Line start indication
9:7
N/A
0x2
Line end indication
6:0
117[6:0]
0x2A
These bits indicate that the received sync word is a frame synchronization code. The
value is programmable by a register setting


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com