データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 43 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 43 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 39Page - ON Semiconductor PYTHON480 Datasheet HTML 40Page - ON Semiconductor PYTHON480 Datasheet HTML 41Page - ON Semiconductor PYTHON480 Datasheet HTML 42Page - ON Semiconductor PYTHON480 Datasheet HTML 43Page - ON Semiconductor PYTHON480 Datasheet HTML 44Page - ON Semiconductor PYTHON480 Datasheet HTML 45Page - ON Semiconductor PYTHON480 Datasheet HTML 46Page - ON Semiconductor PYTHON480 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
PYTHON 480
www.onsemi.com
43
Subsampling on Color Sensor
During subsampling on a color sensor, lines are read in a
read-2-skip−2 manner. To read out the image data with
subsampling enabled on a color sensor, two neighboring
kernels are combined to a single kernel of 4 pixels in the
x−direction and one pixel in the y−direction. Only the pixels
0 and 1 are read out.
Figure 37. Data Output Order for the LVDS Output Channel in Subsampling Mode on a Color Sensor
kernel N−4
kernel N+2
kernel N
kernel N−2
0
1
pixel #
CMOS Interface Mode
CMOS Output Signals
The image data output occurs through a single 10−bit
parallel CMOS data output. A CMOS clock output, ‘frame
valid’ and ‘line valid’ signal synchronizes the output data.
No windowing information is sent out by the sensor.
Frame Format
Frame timing is indicated by means of two signals:
frame_valid and line_valid.
The frame_valid indication is asserted at the start of a
new frame and remains asserted until the last line of the
frame is completely transmitted.
The line_valid indication serves the following needs:
While the line_valid indication is asserted, the data
channels contain valid pixel data.
The line valid communicates frame timing as it is
asserted at the start of each line and it is de−asserted
at the end of the line. Low periods indicate the idle
time between lines (ROT).
The data channels transmit the calculated CRC code
after each line. This can be detected as the data
words right after the falling edge of the line valid.
Figure 38. CMOS Mode: Frame Timing Indication
data channels
Sequencer
Internal State
line Ys
line Ys+1
line Ye
black
FOT
ROT
ROT
ROT
ROT
FOT
ROT
black
frame_valid
line_valid


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com