データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PYTHON480 データシート(PDF) 44 Page - ON Semiconductor

部品番号 PYTHON480
部品情報  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 データシート(HTML) 44 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 40Page - ON Semiconductor PYTHON480 Datasheet HTML 41Page - ON Semiconductor PYTHON480 Datasheet HTML 42Page - ON Semiconductor PYTHON480 Datasheet HTML 43Page - ON Semiconductor PYTHON480 Datasheet HTML 44Page - ON Semiconductor PYTHON480 Datasheet HTML 45Page - ON Semiconductor PYTHON480 Datasheet HTML 46Page - ON Semiconductor PYTHON480 Datasheet HTML 47Page - ON Semiconductor PYTHON480 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
PYTHON 480
www.onsemi.com
44
The frame format is explained with an example of the
readout of two (overlapping) windows as shown in
Figure 39 (a).
The readout of a frame occurs on a line−by−line basis. The
read pointer goes from left to right, bottom to top. Figure 39
(a) and (b) indicate that, after the FOT is finished, a number
of lines which include information of ‘ROI 0’ are sent out,
starting at position y0_start. When the line at position
y1_start is reached, a number of lines containing data of
‘ROI 0’ and ‘ROI 1’ are sent out, until the line position of
y0_end is reached. Then, only data of ‘ROI 1’ appears on the
data output until line position y1_end is reached. The
line_valid strobe is not shown in Figure 39.
Figure 39. CMOS Mode: Frame Format to Read Out Image Data
(a)
(b)
1280 pixels
y0_start
y1_start
y0_end
y1_end
x0_start
x1_start
x0_end
x1_end
ROI0
ROI1
Reset
N
Exposure Time N
Reset
N+1
Exposure Time N +1
ROI0
FOT
FOT
Integration Time
Handling
Readout
Handling
FOT
Readout Frame N -1
Readout Frame N
ROI0
ROI1
Frame valid
FOT
FOT
ROI1
Black Lines
Black pixel data is also sent through the data channels. To
distinguish these pixels from the regular image data, it is
possible to ‘mute’ the frame and/or line valid indications for
the black lines. Refer to Table 32 for black line, frame_valid
and line_valid settings.
Table 32. BLACK LINE FRAME_VALID AND LINE_VALID SETTINGS
bl_frame
_valid_enable
bl_line
_valid_enable
Description
0x1
0x1
The black lines are handled similar to normal image lines. The frame valid indication is asserted
before the first black line and the line valid indication is asserted for every valid (black) pixel.
0x1
0x0
The frame valid indication is asserted before the first black line, but the line valid indication is not
asserted for the black lines. The line valid indication indicates the valid image pixels only. This
mode is useful when one does not use the black pixels and when the frame valid indication needs
to be asserted some time before the first image lines (for example, to precondition ISP pipelines).
0x0
0x1
In this mode, the black pixel data is clearly unambiguously indicated by the line valid indication,
while the decoding of the real image data is simplified.
0x0
0x0
Black lines are not indicated and frame and line valid strobes remain de−asserted. Note however
that the data channels contains the black pixel data and CRC codes (Training patterns are
interrupted).


同様の部品番号 - PYTHON480

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

同様の説明 - PYTHON480

メーカー部品番号データシート部品情報
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com