データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3931-12 データシート(PDF) 2 Page - Pasternack Enterprises, Inc.

部品番号 PE3931-12
部品情報  SMA Female to SMA Female Cable 12 Inch Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3931-12 データシート(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3931-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3931-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3931-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
Version C - Revision - © 2011 Pasternack Enterprises All Rights Reserved.
2
MechanicalSpecifications
Cable Assembly
Cable Type
RG402 (.141 Semirigid)
Minimum Bend Radius, Repeated (in(mm))
0.15 (3.81)
Temperature Operating Range (deg C)
-55 to +125
Weight (Lbs)
0.0062 + .034/ft
Cable
Cable Inner Conductor
Silver covered Copper Clad Steel
No of Shields
1
Cable Outer Conductor
Bare Copper Tube
Dielectric Type
Solid PTFE
Jacket Diameter (in(mm))
0.141(0.358)
Connector 1
Type
SMA Female
Configuration
Straight
Mating Cycles
500
Body Material and Plating
Brass, Ni/Au
Inner Conductor Material and Plating
BeCu, Ni/Au
Outer Conductor Material and Plating
Brass, NiAu
Dielectric Type
PTFE
Connector2
Type
SMA Female
Configuration
Straight
Mating Cycles
500
Body Material and Plating
Brass, Ni/Au
Inner Conductor Material and Plating
BeCu, Ni/Au
Outer Conductor Material and Plating
Brass, NiAu
Dielectric Type
PTFE
ComplianceCertifications(visit www.Pasternack.com for current document)
Other Data
URL: http://www.pasternack.com/sma-female-sma-female-rg402u-cable-assembly-pe3931-p.aspx
SMA Female to SMA Female Cable Using RG402 Coax from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
PE3931-12
SMA Female to SMA Female Cable 12 Inch Length Using
RG402 Coax


同様の部品番号 - PE3931-12

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3931-18 PASTERNACK-PE3931-18 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 18 Inch Length
More results

同様の説明 - PE3931-12

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE33254-12 PASTERNACK-PE33254-12 Datasheet
352Kb / 4P
   SMA Female to SMA Female Cable 12 Inch
PE3931-18 PASTERNACK-PE3931-18 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 18 Inch Length
PE3931-48 PASTERNACK-PE3931-48 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 48 Inch Length
PE3931-6 PASTERNACK-PE3931-6 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 6 Inch Length
PE3931-24 PASTERNACK-PE3931-24 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 24 Inch Length
PE3931-60 PASTERNACK-PE3931-60 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 60 Inch Length
PE3931-36 PASTERNACK-PE3931-36 Datasheet
425Kb / 3P
   SMA Female to SMA Female Cable 36 Inch Length
PE3835-12 PASTERNACK-PE3835-12 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3956-12 PASTERNACK-PE3956-12 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com