データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD12400JWS データシート(PDF) 9 Page - Analog Devices

部品番号 AD12400JWS
部品情報  12-Bit 400 MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD12400JWS データシート(HTML) 9 Page - Analog Devices

Back Button AD12400JWS Datasheet HTML 5Page - Analog Devices AD12400JWS Datasheet HTML 6Page - Analog Devices AD12400JWS Datasheet HTML 7Page - Analog Devices AD12400JWS Datasheet HTML 8Page - Analog Devices AD12400JWS Datasheet HTML 9Page - Analog Devices AD12400JWS Datasheet HTML 10Page - Analog Devices AD12400JWS Datasheet HTML 11Page - Analog Devices AD12400JWS Datasheet HTML 12Page - Analog Devices AD12400JWS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD12400
Rev. 0 | Page 9 of 28
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Function
1, 2, 3, 4
VC
Digital Supply, +3.3 V.
5
RESET
LVTTL. 0 = Device Reset. Minimum Width = 200 ns. Device resumes operation after 600 ms maximum.
6−9, 11, 13−16,
DNC
Do Not Connect.
49, 51−52, 79,
96−108
10
DRB
Channel B Data Ready. Complement output.
12
DRB
Channel B Data Ready. True output.
17
DB11−
Channel B Data Bit 11. Complement output bit.
18
DB10−
Channel B Data Bit 10. Complement output bit.
19
DB11+
Channel B Data Bit 11. True output bit.
20
DB10+
Channel B Data Bit 10. True output bit.
21
DB9−
Channel B Data Bit 9. Complement output bit.
22
DB8−
Channel B Data Bit 8. Complement output bit.
23
DB9+
Channel B Data Bit 9. True output bit.
24
DB8+
Channel B Data Bit 8. True output bit.
25
DB7−
Channel B Data Bit 7. Complement output bit.
26
DB6−
Channel B Data Bit 6. Complement output bit.
27
DB7+
Channel B Data Bit 7. True output bit.
28
DB6+
Channel B Data Bit 6. True output bit.
29
DB5−
Channel B Data Bit 5. Complement output bit.
30
DB4−
Channel B Data Bit 4. Complement output bit.
31
DB5+
Channel B Data Bit 5. True output bit.
32
DB4+
Channel B Data Bit 4. True output bit.
33
DB3−
Channel B Data Bit 3. Complement output bit.
34
DB2−
Channel B Data Bit 2. Complement output bit.
35
DB3+
Channel B Data Bit 3. True output bit.
36
DB2+
Channel B Data Bit 2. True output bit.
37
DB1−
Channel B Data Bit 1. Complement output bit.
38
DB0−
Channel B Data Bit 0. Complement output bit. DB0 is LSB.
39
DB1+
Channel B Data Bit 1. True output bit.
40
DB0+
Channel B Data Bit 0. True output bit. DB0 is LSB.
41−48
VD
Digital Supply, +1.5 V.
50
PASS
LVTTL. Factory use only. (DNC)
53
DA11−
Channel A Data Bit 11. Complement output bit.
54
DA10−
Channel A Data Bit 10. Complement output bit.
55
DA11+
Channel A Data Bit 11. True output bit.
56
DA10+
Channel A Data Bit 10. True output bit.
57
DA9−
Channel A Data Bit 9. Complement output bit.
58
DA8−
Channel A Data Bit 8. Complement output bit.
59
DA9+
Channel A Data Bit 9. True output bit.
60
DA8+
Channel A Data Bit 8. True output bit.
61
DA7−
Channel A Data Bit 7. Complement output bit.
62
DA6−
Channel A Data Bit 6. Complement output bit.
63
DA7+
Channel A Data Bit 7. True output bit.
64
DA6+
Channel A Data Bit 6. True output bit.
65
DA5−
Channel A Data Bit 5. Complement output bit.
66
DA4−
Channel A Data Bit 4. Complement output bit.
67
DA5+
Channel A Data Bit 5. True output bit.


同様の部品番号 - AD12400JWS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD12400 AD-AD12400 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
More results

同様の説明 - AD12400JWS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD12401 AD-AD12401 Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com