データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD123D-B140LR データシート(PDF) 4 Page - Bourns Electronic Solutions

部品番号 CD123D-B140LR
部品情報  Schottky Barrier Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD123D-B140LR データシート(HTML) 4 Page - Bourns Electronic Solutions

  CD123D-B140LR Datasheet HTML 1Page - Bourns Electronic Solutions CD123D-B140LR Datasheet HTML 2Page - Bourns Electronic Solutions CD123D-B140LR Datasheet HTML 3Page - Bourns Electronic Solutions CD123D-B140LR Datasheet HTML 4Page - Bourns Electronic Solutions CD123D-B140LR Datasheet HTML 5Page - Bourns Electronic Solutions CD123D-B140LR Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimers
assetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/dis-
claimer.pdf.
CD123D-B1xRSchottkyBarrierChipDiodeSeries
Environmental Specifications
Moisture Sensitivity Level................................................................1
ESD Classification (HBM)............................................................. 3B
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Dimension
CD123D-B1xR
A
3.40 ± 0.2
(0.0748 ± 0.0079)
B
1.9 ± 0.2
(0.0748 ± 0.0079)
C
1.6 P.
(0.0630) TYP.
D
0.7 ± 0.2
(0.0276 ± 0.0079)
E
0.96 +0.2/-0.1
(0.0378 +0.0079/-0.0039)
F
2.3 ± 0.2
(0.0906 ± 0.0079)
G
0.43 ± 0.2
(0.0169 ± 0.0079)
How to Order
CD 123D - B 1 40 L R
Common Code
CD = Chip Diode
Package
123D = SOD-123 Size
Model
B = Schottky Barrier Diode
Average Forward Current
1 = 1 A
Reverse Voltage
40 = 40 V
Forward Voltage
(Blank) = Standard
L = Low
D
E
C
E
A
D
D
B
A
F
G
A4
.
B
C
D
E
C
E
A
D
D
B
A
F
G
A4
.
B
C
Dimension
CD123D-B1xR
A
2.73
(0.107) MIN.
B
4.26
(0.168) REF.
C
1.60
(0.063) MIN.
D
0.67
(0.026) MAX.
E
0.86
(0.034) MIN.
Typical Part Marking
DEVICECODE:
1
20=CD123D-B120R
1
40=CD123D-B140R
1
40L=CD123D-B140LR
1
40L


同様の部品番号 - CD123D-B140LR

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD123D-B140LR BOURNS-CD123D-B140LR Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
More results

同様の説明 - CD123D-B140LR

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com