データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC638ZL1 データシート(PDF) 2 Page - ON Semiconductor

部品番号 BC638ZL1
部品情報  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC638ZL1 データシート(HTML) 2 Page - ON Semiconductor

  BC638ZL1 Datasheet HTML 1Page - ON Semiconductor BC638ZL1 Datasheet HTML 2Page - ON Semiconductor BC638ZL1 Datasheet HTML 3Page - ON Semiconductor BC638ZL1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC636, BC636–16, BC638, BC640, BC640–16
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mAdc, IB = 0)
BC636
BC638
BC640
V(BR)CEO
–45
–60
–80
Vdc
Collector–Base Breakdown Voltage
(IC = –100 µAdc, IE = 0)
BC636
BC638
BC640
V(BR)CBO
–45
–60
–80
Vdc
Emitter–Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
Vdc
Collector Cutoff Current
(VCB = –30 Vdc, IE = 0)
(VCB = –30 Vdc, IE = 0, TA = 125°C)
ICBO
–100
–10
nAdc
µAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = –5.0 mAdc, VCE = –2.0 Vdc)
(IC = –150 mAdc, VCE = –2.0 Vdc)
BC636
BC636–16
BC638
BC640
BC640–16
(IC = –500 mA, VCE = –2.0 V)
hFE
25
40
100
40
40
100
25
250
250
160
160
250
Collector–Emitter Saturation Voltage
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
–0.25
–0.5
–0.5
Vdc
Base–Emitter On Voltage
(IC = –500 mAdc, VCE = –2.0 Vdc)
VBE(on)
–1.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = –50 mAdc, VCE = –2.0 Vdc, f = 100 MHz)
fT
150
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cob
9.0
pF
Input Capacitance
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
110
pF
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle 2.0%.


同様の部品番号 - BC638ZL1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC638 MOTOROLA-BC638 Datasheet
116Kb / 4P
   High Current Transistors
logo
Continental Device Indi...
BC638 CDIL-BC638 Datasheet
121Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC638 ONSEMI-BC638 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Nanjing International G...
BC638 DGNJDZ-BC638 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC638 PHILIPS-BC638 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

同様の説明 - BC638ZL1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com