データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZT310HVIS56 データシート(PDF) 4 Page - Power Semiconductors

部品番号 AZT310HVIS56
部品情報  HIGH CURRENT PHASE CONTROL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POSEICO [Power Semiconductors]
ホームページ  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AZT310HVIS56 データシート(HTML) 4 Page - Power Semiconductors

  AZT310HVIS56 Datasheet HTML 1Page - Power Semiconductors AZT310HVIS56 Datasheet HTML 2Page - Power Semiconductors AZT310HVIS56 Datasheet HTML 3Page - Power Semiconductors AZT310HVIS56 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZT310HVI HIGH CURRENT PHASE CONTROL
FINAL SPECIFICATION
May 17 - Issue: 3
Distributed by
0
200
400
600
800
1000
1200
1400
1600
0
1
2
3
4
Forward Voltage [V]
FORWARD CHARACTERISTIC
Tj = 120 °C
0
10
20
30
40
50
60
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0
2
4
6
8
10
12
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 120 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping force,
cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change any data
given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background) and
characteristics is reported.
2
G
K
1
Ø6
.5
70
Ø1
3
177
104
92
80
G-K Termi nali A 2.8x0.8
V5
1
2


同様の部品番号 - AZT310HVIS56

メーカー部品番号データシート部品情報
logo
Power Semiconductors
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT1150S08 POSEICO-AZT1150S08 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT400HVIS45 POSEICO-AZT400HVIS45 Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT460 POSEICO-AZT460 Datasheet
151Kb / 4P
   HIGH CURRENT PHASE CONTROL
More results

同様の説明 - AZT310HVIS56

メーカー部品番号データシート部品情報
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT530 POSEICO-AZT530 Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT460 POSEICO-AZT460 Datasheet
151Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT740 POSEICO-AZT740 Datasheet
197Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT630 POSEICO-AZT630 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT800 POSEICO-AZT800 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com