データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4U-A5881-1 データシート(PDF) 7 Page - Bel Fuse Inc.

部品番号 4U-A5881-1
部品情報  High Performance Servers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEL [Bel Fuse Inc.]
ホームページ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

4U-A5881-1 データシート(HTML) 7 Page - Bel Fuse Inc.

Back Button 4U-A5881-1 Datasheet HTML 3Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 4Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 5Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 6Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 7Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 8Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 9Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 10Page - Bel Fuse Inc. 4U-A5881-1 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
tech.support@psbel.com
NOTE: Tolerance (unless otherwise stated): 0-30 mm: +/- 0.2 mm; 30-120 mm: +/- 0.4 mm; 120-400 mm: +/-0.6 mm
NOTES: A 3D step file of the power supply casing is available on request.
Unlatching the supply is performed by pulling the green trigger in the handle
Figure 3. Side View 1
Figure 4. Top View
Figure 5. Side View 2
Figure 6. Front View (PFE1100-12-054ND/RD)
Drawing No.
Title
Material
Finish
Dim. in mm
Revision
Modified
Mech. Eng. approved
Elec. Eng. approved
Mfg. approved
A3
>120-400: ±0.2
Tolerances unless otherwise stated:
0.5-30: ±0.1
>30-120: ±0.15
Supersedes:
3/4
www.power-one.com
Issued
Scale
Size
Sheet
WH
2009-09-17
WH
2010-03-24
-
-
-
-
-
-
SNP Family Product GA
SNP1100-12G_GA
004
All materials used, and finished product, must meet the requirements of the current RoHS directive 2002/95/EC.
For additional information use other data files, or ask.
54.5 ±0.4
98
321.5 ±0.4
25
13.4
9.5
80
4.4
Drawing No.
Title
Material
Finish
Dim. in mm
Revision
Modified
Mech. Eng. approved
Elec. Eng. approved
Mfg. approved
A3
>120-400: ±0.2
Tolerances unless otherwise stated:
0.5-30: ±0.1
>30-120: ±0.15
Supersedes:
3/4
www.power-one.com
Issued
Scale
Size
Sheet
WH
2009-09-17
WH
2010-03-24
-
-
-
-
-
-
SNP Family Product GA
SNP1100-12G_GA
004
All materials used, and finished product, must meet the requirements of the current RoHS directive 2002/95/EC.
For additional information use other data files, or ask.
54.5 ±0.4
98
321.5 ±0.4
25
13.4
9.5
80
4.4
Drawing No.
Title
Material
Finish
Dim. in mm
Revision
Modified
Mech. Eng. approved
Elec. Eng. approved
Mfg. approved
A3
>120-400: ±0.2
Tolerances unless otherwise stated:
0.5-30: ±0.1
>30-120: ±0.15
Supersedes:
3/4
www.power-one.com
Issued
Scale
Size
Sheet
WH
2009-09-17
WH
2010-03-24
-
-
-
-
-
-
SNP Family Product GA
SNP1100-12G_GA
004
All materials used, and finished product, must meet the requirements of the current RoHS directive 2002/95/EC.
For additional information use other data files, or ask.
54.5 ±0.4
98
321.5 ±0.4
25
13.4
9.5
80
4.4
Air Flow Direction: PFE1100-12-054ND/SD
Air Flow Direction: PFE1100-12-054RD/TD
DC INPUT OK LED
OUTPUT OK LED


同様の部品番号 - 4U-A5881-1

メーカー部品番号データシート部品情報
logo
3M Electronics
4U-0010-0614-7 3M-4U-0010-0614-7 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0615-4 3M-4U-0010-0615-4 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0618-8 3M-4U-0010-0618-8 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0629-5 3M-4U-0010-0629-5 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0649-3 3M-4U-0010-0649-3 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
More results

同様の説明 - 4U-A5881-1

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
PFE1500-12-054 BEL-PFE1500-12-054 Datasheet
1Mb / 27P
   High Performance Servers
logo
Intel Corporation
PRO1000MT INTEL-PRO1000MT Datasheet
421Kb / 2P
   High-Performance Gigabit Copper Connection for Servers
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com