データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP15AS220D05P15 データシート(PDF) 2 Page - Toppower Electronic Technology Limited

部品番号 TP15AS220D05P15
部品情報  15W 3KVAC Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15AS220D05P15 データシート(HTML) 2 Page - Toppower Electronic Technology Limited

  TP15AS220D05P15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15AS220D05P15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15AS220D05P15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP15AS220D05P15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP15AS Series
www.gztoppower.con
TEL:020-82019000
Email:sales@gztoppower.com
page 2 of 4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
3000
VAC
Seismic
10~55Hz
5
G
Over-current protection
Full input range
Burp,Automatic recovery
Cooling
Free air convection
Case material
Flame-retardant plastic
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
Io=0.1…1.0 x Ionom Vi=Vi rated
±3
%
±5
%
Line regulation
Vimin≤Vi≤Vimax
±0.5
%
Load regulation
Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax
±1
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary circuit
of the load with at least 25%, the main circuit with the full
load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Switch frequency
Vimin≤Vi≤Vimax
100
Hz
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
220VAC In module(165V-265V)
165
220
265
VAC
Startup voltage
220VAC In module(85V-265V)
85
220
265
VAC
Start rising time
Non-capacitive load
20
ms
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-40
+70
Maximum case temperature
industrial-class
+95
Storage temperature
Industry-class
-40
+105
Relative humidity
No condensation
5
90
RH(%)
Temperature coefficient
±0.02
%/℃
Case temperature shall not exceed the maximum case temperature
TOPPOWER


同様の部品番号 - TP15AS220D05P15

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP15AC TOPPOWER-TP15AC Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S03W TOPPOWER-TP15AC220S03W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S05W TOPPOWER-TP15AC220S05W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S09W TOPPOWER-TP15AC220S09W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S12W TOPPOWER-TP15AC220S12W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
More results

同様の説明 - TP15AS220D05P15

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT_18 Datasheet
695Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com