データシートサーチシステム |
|
M74HC4075TTR データシート(PDF) 2 Page - STMicroelectronics |
|
M74HC4075TTR データシート(HTML) 2 Page - STMicroelectronics |
2 / 8 page M74HC4075 2/8 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 °C; derate to 300mW by 10mW/°C from 65°C to 85°C RECOMMENDED OPERATING CONDITIONS PIN No SYMBOL NAME AND FUNCTION 3, 1, 11 1A to 3A Data Inputs 4, 2, 12 1B to 3B Data Inputs 5, 8, 13 1C to 3C Data Inputs 6, 9, 10 1Y to 3Y Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage ABC Y LLLL HX XH XHXH XX H H Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500(*) mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C tr, tf Input Rise and Fall Time VCC = 2.0V 0 to 1000 ns VCC = 4.5V 0 to 500 ns VCC = 6.0V 0 to 400 ns |
同様の部品番号 - M74HC4075TTR |
|
同様の説明 - M74HC4075TTR |