データシートサーチシステム |
|
TP781.5-2 データシート(PDF) 1 Page - Toppower Electronic Technology Limited |
|
TP781.5-2 データシート(HTML) 1 Page - Toppower Electronic Technology Limited |
1 / 3 page TP78xx-2 Series www.gztoppower.com TEL:020-61038836 EMAIL:sales@gztoppower.com page 1 of 3 DESCRIPTION: TP78XX-2 series switching regulators are ideal replacement for TP78xx linear regulators and LDOs. The efficiency of up to 92% means that very little energy is wasted as heat so there is no need for any heat sinks with their additional space and mounting costs. They are widely used in industrial control, instrumentation, and electric power applications. Wide Input Non-Isolated & Regulated Single Output OUTPUT CHARACTERISTICS Parameter Conditions Min Typ. Max. Units Output voltage accuracy 100% full load, input voltage range ±2 ±3 % Line regulation Vin=min. to max, at full load ±0.5 ±0.75 Load regulation 10% to 100% load ±0.5 ±1.0 Ripple & Noise 20MHz bandwidth,(refer to figure 3) 25 45 mvp-p Short circuit protection Continuous, auto-recovery Thermal shutdown Internal IC junction 150 ℃ Output current limit 5000 mA Switching frequency Full load, input voltage range 300 340 380 KHz Dynamic load stability ±100 mA Quiescent current Vin from min to max and at 0% load 5 10 mA Temperature coefficient –40 ~+85 ℃℃ ±0.03 %/℃ Max capacitance load 1000 μF All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified. COMMON SPECIFICATIONS Parameter Conditions Min. Typ. Max. Units Storage humidity range 95 ℃ Operating temp. range Power derating (above 71ºC) -40 85 Storage temp. range -55 125 Storage temp. Range Temp rise at full load 100 Lead temperature 1.5mm from case for 10 seconds 300 Cooling Free air convection Case material Plastic (UL94-V0) MTBF 25℃(MIL-HDBK-217F) 2000 k hours Weight 4.0 g FEATURES ROHS Compliant Wide input non-isolated、regulated single output Efficiency up to 93% Short circuit protection, Thermal shutdown Temperature range: -40ºC ~ +85ºC Low ripple noise SIP package No heat sink required Industry standard pinout SELECTION GUIDE Part Number Input Voltage (VDC) Output Efficiency(%) Nominal Range Voltage(VDC) Current(mA) Vin (Min) Vin(Max) TP781.5-2 12 4.75~18 1.5 2000 79 76 TP781.8-2 12 4.75~18 1.8 2000 81 79 TP782.5-2 12 4.75~18 2.5 2000 85 83 TP783.3-2 12 4.75~18 3.3 2000 87 86 TP785.0-2 12 7-18 5.0 2000 91 88 TP786.5-2 12 8.5-18 6.5 2000 92 91 The above part number with "L" Suffix are 90˚ bent pins power converters, for example TP78L1.5-2L. |
同様の部品番号 - TP781.5-2 |
|
同様の説明 - TP781.5-2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |