データシートサーチシステム |
|
SD500R30MC データシート(PDF) 2 Page - International Rectifier |
|
SD500R30MC データシート(HTML) 2 Page - International Rectifier |
2 / 6 page SD500N/R Series 2 Bulletin I2095 rev. A 08/94 www.irf.com Voltage V RRM , maximum repetitive V RSM , maximum non- I RRM max. Type number Code peak reverse voltage repetitive peak rev. voltage @ T J = TJ max. VV mA 30 3000 3100 36 3600 3700 40 4000 4100 45 4500 4600 ELECTRICAL SPECIFICATIONS Voltage Ratings SD500N/R 50 Forward Conduction I F(AV) Max. average forward current 475 A 180° conduction, half sine wave @ Case temperature 55 °C I F(AV) Max. average forward current 300 A 180° conduction, half sine wave @ Case temperature 100 °C I F(RMS) Max. RMS forward current 745 A DC @ 40°C case temperature I FSM Max. peak, one-cycle forward, 7500 t = 10ms No voltage non-repetitive surge current 7850 t = 8.3ms reapplied 6310 t = 10ms 50% V RRM 6600 t = 8.3ms reapplied Sinusoidal half wave, I2t Maximum I2t for fusing 281 t = 10ms No voltage Initial T J = TJ max. 257 t = 8.3ms reapplied 199 t = 10ms 50% V RRM 182 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 2810 KA2 √s t = 0.1 to 10ms, no voltage reapplied V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 Low level value of forward slope resistance r f2 High level value of forward slope resistance V FM Max. forward voltage drop 1.66 V I pk = 1000A, T J = T J max, t p = 10ms sinusoidal wave Parameter SD500N/R Units Conditions 0.72 (I > π x I F(AV) ),T J = T J max. 0.78 (16.7% x π x I F(AV) < I < π x I F(AV) ), T J = T J max. m Ω 0.97 (I > π x I F(AV)), TJ = TJ max. 0.88 (16.7% x π x I F(AV) < I < π x IF(AV)), TJ = TJ max. V KA2s A |
同様の部品番号 - SD500R30MC |
|
同様の説明 - SD500R30MC |