データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD500R45PSC データシート(PDF) 2 Page - International Rectifier

部品番号 SD500R45PSC
部品情報  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

SD500R45PSC データシート(HTML) 2 Page - International Rectifier

  SD500R45PSC Datasheet HTML 1Page - International Rectifier SD500R45PSC Datasheet HTML 2Page - International Rectifier SD500R45PSC Datasheet HTML 3Page - International Rectifier SD500R45PSC Datasheet HTML 4Page - International Rectifier SD500R45PSC Datasheet HTML 5Page - International Rectifier SD500R45PSC Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SD500N/R Series
2
Bulletin I2095 rev. A 08/94
www.irf.com
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = TJ max.
VV
mA
30
3000
3100
36
3600
3700
40
4000
4100
45
4500
4600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD500N/R
50
Forward Conduction
I
F(AV)
Max. average forward current
475
A
180° conduction, half sine wave
@ Case temperature
55
°C
I
F(AV)
Max. average forward current
300
A
180° conduction, half sine wave
@ Case temperature
100
°C
I
F(RMS)
Max. RMS forward current
745
A
DC @ 40°C case temperature
I
FSM
Max. peak, one-cycle forward,
7500
t = 10ms
No voltage
non-repetitive surge current
7850
t = 8.3ms
reapplied
6310
t = 10ms
50% V
RRM
6600
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
281
t = 10ms
No voltage
Initial T
J = TJ max.
257
t = 8.3ms
reapplied
199
t = 10ms
50% V
RRM
182
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
2810
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.66
V
I
pk
= 1000A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
Parameter
SD500N/R
Units
Conditions
0.72
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.78
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
m
0.97
(I >
π x I
F(AV)), TJ = TJ max.
0.88
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
V
KA2s
A


同様の部品番号 - SD500R45PSC

メーカー部品番号データシート部品情報
logo
International Rectifier
SD500R IRF-SD500R Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

同様の説明 - SD500R45PSC

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com